Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SPD03N60C3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. SPD03N60C3
Description  Cool MOS Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 2 page
background image
2003-10-02
Page 2
SPD03N60C3
SPU03N60C3
Final data
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain Source voltage slope
VDS = 480 V, ID = 3.2 A, Tj = 125 °C
dv/dt
50
V/ns
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Thermal resistance, junction - case
RthJC
-
-
3.3
K/W
Thermal resistance, junction - ambient, leaded
RthJA
-
-
75
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 2)
RthJA
-
-
-
-
75
50
Soldering temperature,
1.6 mm (0.063 in.) from case for 10s
Tsold
-
-
260
°C
Electrical Characteristics, at Tj=25°C unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Drain-source breakdown voltage V(BR)DSS VGS=0V, ID=0.25mA
600
-
-
V
Drain-Source avalanche
breakdown voltage
V(BR)DS VGS=0V, ID=3.2A
-
700
-
Gate threshold voltage
VGS(th)
ID=135µΑ, VGS=VDS
2.1
3
3.9
Zero gate voltage drain current
IDSS
VDS=600V, VGS=0V,
Tj=25°C,
Tj=150°C
-
-
0.5
-
1
70
µA
Gate-source leakage current
IGSS
VGS=30V, VDS=0V
-
-
100
nA
Drain-source on-state resistance RDS(on) VGS=10V, ID=2A,
Tj=25°C
Tj=150°C
-
-
1.26
3.8
1.4
-
Gate input resistance
RG
f=1MHz, open Drain
-
10
-




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPD02N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD02N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD03N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
STP4N40N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSipex Corporation
2SK700N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR 1 2 3 NEC
STP55N06LN-CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
IRF630FIN-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STP5N90N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
APT20M18B2VFR_04POWER MOS V FREDFET 1 2 3 4 Advanced Power Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl