Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SPD03N60C3 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. SPD03N60C3
Description  Cool MOS Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 5 page
background image
2003-10-02
Page 5
SPD03N60C3
SPU03N60C3
Final data
1 Power dissipation
Ptot = f (TC)
0
20
40
60
80
100
120
°C
160
TC
0
4
8
12
16
20
24
28
32
W
40
SPD03N60C3
2 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TC=25°C
10
0
10
1
10
2
10
3
V
VDS
-2
10
-1
10
0
10
1
10
A
tp = 0.001 ms
tp = 0.01 ms
tp = 0.1 ms
tp = 1 ms
DC
3 Transient thermal impedance
ZthJC = f (tp)
parameter: D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-1
s
tp
-3
10
-2
10
-1
10
0
10
1
10
K/W
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
single pulse
4 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 10 µs, VGS
0
4
8
12
16
V
24
VDS
0
1
2
3
4
5
6
7
8
9
A
11
20V
7V
6.5V
6V
5.5V
5V
4.5V
4V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPD02N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD02N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD03N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
STP4N40N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSipex Corporation
2SK700N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR 1 2 3 NEC
STP55N06LN-CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
IRF630FIN-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STP5N90N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
APT20M18B2VFR_04POWER MOS V FREDFET 1 2 3 4 Advanced Power Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl