Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SPD03N50C3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. SPD03N50C3
Description  Cool MOS Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 6 page
background image
2003-10-07
Page 6
SPD03N50C3
Final data
5 Typ. output characteristic
ID = f (VDS); Tj=150°C
parameter: tp = 10 µs, VGS
0
5
10
15
V
25
VDS
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
A
6
20V
7V
6V
5.5V
5V
4.5V
4V
3.5V
6 Typ. drain-source on resistance
RDS(on)=f(ID)
parameter: Tj=150°C, VGS
0
1
2
3
4
5
6
A
8
ID
1
2
3
4
5
6
7
8
10
4V
4.5V
5V
5.5V
6V
6.5V
8V
20V
7 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 2 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
1
2
3
4
5
6
8
SPD03N50C3
typ
98%
8 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 10 µs
0
2
4
6
V
10
VGS
0
1
2
3
4
5
6
7
8
9
A
11
25°C
150°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPD02N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD02N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
2SK700N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR 1 2 3 NEC
STP55N06LN-CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
IRF630FIN-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STP5N90N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STP4N40N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSipex Corporation
2SK1600FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE 1 2 3 4 5 MoreToshiba Semiconductor
TPCF8301FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE U-MOSⅢ 1 2 3 4 5 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl