Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SPD03N50C3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. SPD03N50C3
Description  Cool MOS Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 4 page
background image
2003-10-07
Page 4
SPD03N50C3
Final data
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Inverse diode continuous
forward current
IS
TC=25°C
-
-
3.2
A
Inverse diode direct current,
pulsed
ISM
-
-
9.6
Inverse diode forward voltage
VSD
VGS=0V, IF=IS
-
1
1.2
V
Reverse recovery time
trr
VR=400V, IF=IS ,
diF/dt=100A/µs
-
240
-
ns
Reverse recovery charge
Qrr
-
1.6
-
µC
Peak reverse recovery current
Irrm
-
12
-
A
Peak rate of fall of reverse
recovery current
dirr/dt
-
550
-
A/µs
Typical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
typ.
typ.
Thermal resistance
Rth1
0.054
K/W
Rth2
0.103
Rth3
0.178
Rth4
0.757
Rth5
0.682
Rth6
0.202
Thermal capacitance
Cth1
0.00005232
Ws/K
Cth2
0.0002034
Cth3
0.0002963
Cth4
0.0009103
Cth5
0.002084
Cth6
0.024
External H eatsink
Tj
Tcase
Tamb
Cth1
Cth2
R th1
Rth,n
Cth,n
Ptot (t)




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPD02N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD02N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
2SK700N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR 1 2 3 NEC
STP55N06LN-CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
IRF630FIN-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STP5N90N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STP4N40N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSipex Corporation
2SK1600FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE 1 2 3 4 5 MoreToshiba Semiconductor
TPCF8301FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE U-MOSⅢ 1 2 3 4 5 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl