Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SPD02N50C3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. SPD02N50C3
Description  Cool MOS Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 1 page
background image
2003-10-07
Page 1
SPD02N50C3
Final data
Cool MOS™ Power Transistor
VDS @ Tjmax
560
V
RDS(on)
3
ID
1.8
A
Feature
• New revolutionary high voltage technology
• Ultra low gate charge
• Periodic avalanche rated
• Extreme dv/dt rated
• Ultra low effective capacitances
• Improved transconductance
P-TO252-3-1
Type
Package
Ordering Code
SPD02N50C3
P-TO252-3-1
Q67040-S4570
Marking
02N50C3
Maximum Ratings
Parameter
Symbol
Value
Unit
Continuous drain current
TC = 25 °C
TC = 100 °C
ID
1.8
1.1
A
Pulsed drain current, t
p limited by Tjmax
ID puls
5.4
Avalanche energy, single pulse
ID = 1.35 A, VDD = 50 V
EAS
50
mJ
Avalanche energy, repetitive tAR limited by Tjmax1)
ID = 1.8 A, VDD = 50 V
EAR
0.07
Avalanche current, repetitive tAR limited by Tjmax IAR
1.8
A
Gate source voltage
VGS
±20
V
Gate source voltage AC (f >1Hz)
VGS
±30
Power dissipation, TC = 25°C
Ptot
25
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
2SK700N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR 1 2 3 NEC
STP55N06LN-CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
IRF630FIN-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STP5N90N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STP4N40N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSipex Corporation
2SK2499SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
STP5N80N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
APT20M20B2LL_04POWER MOS 7 MOSFET 1 2 3 4 5 Advanced Power Technology
APT50M38JLL_04POWER MOS 7 R MOSFET 1 2 3 4 5 Microsemi Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl