Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SPD02N50C3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. SPD02N50C3
Description  Cool MOS Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 6 page
background image
2003-10-07
Page 6
SPD02N50C3
Final data
5 Typ. output characteristic
ID = f (VDS); Tj=150°C
parameter: tp = 10 µs, VGS
0
5
10
15
V
25
VDS
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
A
3
4V
4.5V
5V
5.5V
6V
20V
8V
7V
6.5V
6 Typ. drain-source on resistance
RDS(on)=f(ID)
parameter: Tj=150°C, VGS
0
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4
A
3
ID
2
4
6
8
10
12
14
16
20
4V
4.5V
5V
5,5V
6V
6.5V
7V
8V
20V
7 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 1.1 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
2
4
6
8
10
12
14
17
SPD02N50C3
typ
98%
8 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 10 µs
0
1
2
3
4
5
6
7
8
V
10
VGS
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
A
5.5
25°C
150°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
2SK700N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR 1 2 3 NEC
STP55N06LN-CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
IRF630FIN-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STP5N90N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STP4N40N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSipex Corporation
2SK2499SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
STP5N80N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
APT20M20B2LL_04POWER MOS 7 MOSFET 1 2 3 4 5 Advanced Power Technology
APT50M38JLL_04POWER MOS 7 R MOSFET 1 2 3 4 5 Microsemi Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl