Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR4-575L-35K-12-E26 Datasheet(PDF) 1 Page - Cree, Inc

Part # CR4-575L-35K-12-E26
Description  CR4 LED Downlight - 4
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CR4-575L-35K-12-E26 Datasheet(HTML) 1 Page - Cree, Inc

  CR4-575L-35K-12-E26 Datasheet HTML 1Page - Cree, Inc CR4-575L-35K-12-E26 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.5"
(89mm)
5.0"
(127mm)
CR
4
575L
12
Series
Size
Initial Delivered Lumens
CCT
Voltage
Base Type
Options
CR
4
4” (102mm)
575L
9.5W, 575 Lumens-61 LPW
27K
2700K
30K
3000K
35K
3500K
40K
4000K
12
120 Volts
E26
Edison Base
GU24
GU24 Base (Title 24 Compliant)
D
Specular Reflector
Ordering Information
Example: CR4-575L-27K-12-E26
See www.cree.com/lighting/products/warranty for warranty terms
* Reference www.cree.com/lighting for recommended dimmers
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada
CR Series
CR4™ LED Downlight - 4"
Rev. Date: V3 10/28/2015
Product Description
The CR4™ LED downlight delivers 575 lumens of exceptional 90+ CRI light while achieving over 60 lumens
per watt. This breakthrough performance is achieved by combining the high efficacy and high-quality light
of Cree TrueWhite®Technology. The CR4 is available in warm and cool color temperatures, and easily
installs into most standard four-inch recessed IC or non-IC housings.
Applications: New construction or upgrade for residential and commercial lighting
Utilizes Cree TrueWhite® Technology
Initial Delivered Lumens: 575 lumens
Input Power: 9.5 watts
CRI: 90
CCT: 2700K, 3000K, 3500K, 4000K
Limited Warranty: 5 years
Lifetime: Designed to last 50,000 hours
Dimming: Dimmable to 5%*
Performance Summary
For full list of Cree Quick Ship products visit www.cree.com/lighting/quickship
Click below to select Quick Ship products
CR4-575L-27K-12-E26


Similar Part No. - CR4-575L-35K-12-E26

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CR40-010 CENTRAL-CR40-010 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
CR40-020 CENTRAL-CR40-020 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
CR40-040 CENTRAL-CR40-040 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
CR40-060 CENTRAL-CR40-060 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
CR40-080 CENTRAL-CR40-080 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
More results

Similar Description - CR4-575L-35K-12-E26

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LR6 CREE-LR6 Datasheet
409Kb / 2P
   LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
   LED Downlight
LR6-7L-27K-GU24-E26 CREE-LR6-7L-27K-GU24-E26 Datasheet
421Kb / 2P
   LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
   LED Downlight
LR4 CREE-LR4 Datasheet
424Kb / 2P
   Architectural LED Downlight
logo
P-tec Corporation
PLSO-LVDL13W-90 P-TEC-PLSO-LVDL13W-90 Datasheet
191Kb / 2P
   Dimmable LED Downlight
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
   CR6 LED Downlight - 6
LR6-DR650 CREE-LR6-DR650 Datasheet
506Kb / 2P
   Deep Recess LED Downlight
logo
Dialight Corporation
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
   DuroSite짰 Series LED Downlight
RTO2W07001 DIALIGHT-RTO2W07001 Datasheet
147Kb / 2P
   SafeSite짰 Series LED Downlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com