Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GOT812LV-RF-DC Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT812LV-RF-DC
Description  Orientated ISO76379V-36VDC vehicle power supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT812LV-RF-DC Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT812LV-RF-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT812LV-RF-DC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
573
1. Backlight switch
2. Brightness adjust
3. Power switch (ATX)
4. DC power connector
5. COM 1 (RS-232)
6. COM 2 (RS-232)
7. Ethernet
8. USB 2.0 x 2
VESA 75
VESA 100
Suspension mount
GOT812
12.1" XGA/SVGA TFT IP66-rated Fanless
Touch Panel Computer (-20°C ~ +55°C)
12.1" XGA/SVGA high brightness color TFT LCD
Fanless system with Intel
® Atom™ processor N270 1.6 GHz
Water/dust-proof design (full enclosure: IP66)
Wide operating temperature range of -20°C ~ +55°C
Sunlight readable design: low-reflective T/S
Supports suspension and VESA mount
Orientated ISO76379V-36VDC vehicle power supply
(GOT812LV only)
All I/O are M12 connectors
Introduction
Specifications
The GOT812 is specially designed for heavy-duty & outdoor applications. Its IP66-rating
stainless steel housing protects entire system from outside damage of water, powder
and dust. It also outfits sunlight readable technology and wide operating temperature
range of -20°C ~ +55°C. Thus, this robust unit is best suited for outdoor environments in
extreme sunny or rainy day, dusty or wet spaces in food factories or kitchens and more
harsh applications, such as steel factories, transformer stations and vessels.
IP66-sealed system
The GOT812 adopts a water/dust-proof housing design and five IP66-rated connectors.
It passes entire system IP66 test by SGS and verified salt mist test and marine grade by
IEC60945.
Sunlight readable design
Its sunlight readable technology with LED tech high brightness 1000 nits color display
and low reflective touchscreen allows the screen legible even under strong sunlight.
Wide temp. (-20°C ~ +55°C) & anti-vibration (2G) design
The GOT812 supports wide temperature of -20°C ~ +55°C. Besides, the patent of anti-
vibration for SSD ensures system reliability and stability.
Front Bezel
Stainless type 316
LCD Panel
Display Type
12.1" XGA TFT LCD (GOT812LR)
12.1" SVGA TFT LCD
(GOT812L/GOT812LV)
Brightness (cd/m
2)
1000 nits (GOT812LR)
450 nits (GOT812L/GOT812LV)
Resolution
1024 x 768 (GOT812LR)
800 x 600 (GOT812L/GOT812LV)
Viewing Angle (H/V) 160°/140° (GOT812LR)
100°/120° (GOT812L/GOT812LV)
Main System
CPU
Intel
® Atom™ processor N270
1.6 GHz
Chipset
Intel
® 945GSE + ICH7M
System Memory
1 x 200-pin DDR2 SO-DIMM max.
up to 2 GB
BIOS
AMI with Axiomtek standard
features;
such as, SmartView, Ethernet
Boot ROM (RPL & PXE), customer
CMOS backup
Storage
1 x 2.5" SSD
1 x CompactFlash™
Watchdog Timer
255 levels, 1~255 sec.
Onboard Graphics
Integrated in Intel
® 945GSE
Features
4
5
6
7
8
1
2
3
Side view
Extended
Temperature
Fanless
Low Power
IP66
IEC60945
M12 LAN
Connector
e13
ISO 7637


Similar Part No. - GOT812LV-RF-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT812LH-880 AXIOMTEK-GOT812LH-880 Datasheet
381Kb / 2P
   12.1 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT812LR-832 AXIOMTEK-GOT812LR-832 Datasheet
431Kb / 2P
   Type 316 stainless steel front bezel
GOT812LR-832-DC AXIOMTEK-GOT812LR-832-DC Datasheet
431Kb / 2P
   Type 316 stainless steel front bezel
GOT812LR-832-RF-DC AXIOMTEK-GOT812LR-832-RF-DC Datasheet
431Kb / 2P
   Type 316 stainless steel front bezel
GOT812LR-834 AXIOMTEK-GOT812LR-834 Datasheet
528Kb / 2P
   12.1 XGA TFT IP66-rated Sunlight Readable Fanless Touch Panel Computer
More results

Similar Description - GOT812LV-RF-DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE104 ETC-HE104 Datasheet
106Kb / 1P
   PC/104 High Efficiency Vehicle Power Supply
logo
BOSER Technology Co., L...
BPW-8210 BOSER-BPW-8210 Datasheet
70Kb / 1P
   80W 24V DC-DC Open Frame Power Supply Input Range: 18~36VDC
logo
Bel Fuse Inc.
0AKN BEL-0AKN Datasheet
460Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKN Feb2022
0AKK BEL-0AKK Datasheet
499Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKK Jul2022
logo
Suntsu Electronics, Inc...
SATOA-110A110A53A-CMB3 SUNTSU-SATOA-110A110A53A-CMB3 Datasheet
2Mb / 3P
   Vehicle Tracking
logo
Tripp Lite. All Rights ...
APSINT3636VR TRIPPLITE-APSINT3636VR Datasheet
495Kb / 4P
   PowerVerter APS INT 3600W 36VDC 230V
logo
SHENZHEN KYL COMMUNICAT...
KYL-GPS KYL-KYL-GPS Datasheet
615Kb / 10P
   Vehicle Tracker
logo
Suntsu Electronics, Inc...
SATOA-84A84A14G-CMB1 SUNTSU-SATOA-84A84A14G-CMB1 Datasheet
294Kb / 3P
   Vehicle Tracking
SATOA-150A64A17A-CMB5 SUNTSU-SATOA-150A64A17A-CMB5 Datasheet
3Mb / 8P
   Vehicle Tracking
SATOA-50A50A48A-CMB1 SUNTSU-SATOA-50A50A48A-CMB1 Datasheet
1Mb / 3P
   Vehicle Tracking
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com