Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA0060002F-TB Datasheet(PDF) 1 Page - Cree, Inc

Part # CMPA0060002F-TB
Description  2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA0060002F-TB Datasheet(HTML) 1 Page - Cree, Inc

  CMPA0060002F-TB Datasheet HTML 1Page - Cree, Inc CMPA0060002F-TB Datasheet HTML 2Page - Cree, Inc CMPA0060002F-TB Datasheet HTML 3Page - Cree, Inc CMPA0060002F-TB Datasheet HTML 4Page - Cree, Inc CMPA0060002F-TB Datasheet HTML 5Page - Cree, Inc CMPA0060002F-TB Datasheet HTML 6Page - Cree, Inc CMPA0060002F-TB Datasheet HTML 7Page - Cree, Inc CMPA0060002F-TB Datasheet HTML 8Page - Cree, Inc CMPA0060002F-TB Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Subject to change without notice.
www.cree.com/rf
CMPA0060002F
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Cree’s CMPA0060002F is a gallium nitride (GaN) High Electron Mobility
Transistor (HEMT) based monolithic microwave integrated circuit (MMIC).
GaN has superior properties compared to silicon or gallium arsenide, including
higher breakdown voltage, higher saturated electron drift velocity and higher
thermal conductivity. GaN HEMTs also offer greater power density and wider
bandwidths compared to Si and GaAs transistors. This MMIC employs a
distributed (traveling-wave) amplifier design approach, enabling extremely
wide bandwidths to be achieved in a small footprint screw-down package
featuring a copper-tungsten heat sink.
Features
17 dB Small Signal Gain
3 W Typical P
SAT
Operation up to 28 V
High Breakdown Voltage
High Temperature Operation
0.5” x 0.5” total product size
Applications
Ultra Broadband Amplifiers
Fiber Drivers
Test Instrumentation
EMC Amplifier Drivers
PN: CMPA0060002F
Package Type: 780019
Typical Performance Over 20 MHz - 6.0 GHz (T
C = 25˚C)
Parameter
20 MHz
0.5 GHz
1.0 GHz
2.0 GHz
3.0 GHz
4.0 GHz
5.0 GHz
6.0 GHz
Units
Gain
19.9
18.8
17.8
16.8
16.8
17.5
18.5
16.5
dB
Saturated Output Power, P
SAT
1
4.3
4.1
4.5
4.2
3.7
3.9
4.8
3.7
W
Power Gain @ P
SAT
1
14.7
13.1
12.6
12.2
12.6
10.9
12.2
9.5
dB
PAE @ P
SAT
1
34
28
29
28
24
26
33
20
%
Note1: P
SAT is defined as the RF output power where the device starts to draw positive gate current in the range of 2-4 mA.
Note2: V
DD = 28 V, IDQ = 100 mA
Figure 1.


Similar Part No. - CMPA0060002F-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
   2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA0060002F1 WOLFSPEED-CMPA0060002F1 Datasheet
1Mb / 10P
   2 W, DC - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
More results

Similar Description - CMPA0060002F-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
   2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
   25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
logo
Cree, Inc
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
   25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
   2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
   CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com