Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3G190-RD45-03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R3G190-RD45-03
Description  EC centrifugal fans - RadiCal짰 Series R3G190 RD 횠190 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R3G190-RD45-03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R3G190-RD45-03 Datasheet HTML 1Page - List of Unclassifed Manufacturers R3G190-RD45-03 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Curves
pfs @ rho=1,2 kg/m³
qv [m³/h]
900
800
700
600
500
400
300
200
100
0
qv [CFM]
550
500
450
400
350
300
250
200
150
100
50
0
1.100
1.050
1.000
950
900
850
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
0
4,4
4,2
4
3,8
3,6
3,4
3,2
3
2,8
2,6
2,4
2,2
2
1,8
1,6
1,4
1,2
1
0,8
0,6
0,4
0,2
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Highlights:
– Backward curved
– 7-blade impeller, single phase motor
– Output 10 VDC, max. 1.1 mA, Tach output, Control input 0-10 VDC / PWM
– Motor current limit, Soft start, Locked-rotor protection
– Over temperature protected electronics / motor
– Mounting position: Shaft horizontal or rotor on bottom; rotor on top on request
– Condensate discharge holes: None, open rotor
– Ingress protection of IP54
Material: Fiberglass reinforced composite
Impeller: PA6
Direction of rotation: Clockwise, seen on rotor
Series R3G190 RD Ø190 mm
(1) Nominal data at operating point with maximum load.
Nominal Data
Type
CFM
VAC
VAC
Watts
RPM
oC
g
R3G190-RD47-04
553.3
115
100...130
50/60
Yes
170
4,180
-25...50
1,400
IP54
Yes
R3G190-RD45-03
573.9
230
200...240
50/60
Yes
169
4,120
-25...60
1,380
IP54
Yes
1
2
3
4
5
6
7
8
9
10
11
12
A
A
A
A
A
A
A
A
A
A
A
A
13
14
15
16
A
A
A
A
1
2
3
4
5
6
7
8
9
10
11
12
A
A
A
A
A
A
A
A
A
A
A
A
13
14
15
16
A
A
A
A
R3G190-RD47-04
Curves
n
rpm
Pe
W
I
A
(115V)
LwA
dB(A)
Measurement: LU-132500
Air performance measured
as per: ISO 5801, Installation
category A, without protection
against accidental contact.
Suction-side noise levels:
LWA as per ISO 13347, LPA
measured at 1m distance to
fan axis.
The values given are valid
under the measuring
conditions mentioned and may
vary accoring to the actual
installation situation.
With any deviation to the
standard set-up, the specific
values have to be checked
and reviewed once installed
or fitted.
For detailed information on
the measuring set-up, please
contact ebm-papst.
4440
161
2.30
81
4235
165
2.18
75
4120
169
2.25
72
4150
160
2.17
74
3700
93
1.24
77
3700
110
1.34
72
3700
125
1.62
70
3700
114
1.54
72
3000
50
0.67
73
3000
59
0.73
68
3000
67
0.88
65
3000
61
0.84
67
2300
22
0.31
67
2300
26
0.34
62
2300
30
0.41
59
2300
27
0.39
61
EC centrifugal fans - RadiCal®


Similar Part No. - R3G190-RD45-03

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R3G190-RD45-03 EBMPAPST-R3G190-RD45-03 Datasheet
673Kb / 2P
   EC centrifugal fans - RadiCal
More results

Similar Description - R3G190-RD45-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R3G220RD ETC2-R3G220RD Datasheet
723Kb / 2P
   EC centrifugal fans - RadiCal짰 Series R3G220 RD 횠220 mm
R3G250RE ETC2-R3G250RE Datasheet
716Kb / 2P
   EC centrifugal fans - RadiCal짰 Series R3G250 RE 횠250 mm
R3G225RE ETC2-R3G225RE Datasheet
671Kb / 2P
   EC centrifugal fans - RadiCal짰 Series R3G225 RE 횠225 mm
R2E250RB ETC2-R2E250RB Datasheet
636Kb / 2P
   AC centrifugal fans - RadiCal짰
logo
ebm-papst
R3G560-AH29-66F EBMPAPST-R3G560-AH29-66F Datasheet
1Mb / 2P
   EC centrifugal fans
R3G630-AB30-63F EBMPAPST-R3G630-AB30-63F Datasheet
1Mb / 2P
   EC centrifugal fans
R3G500-AG34-63F EBMPAPST-R3G500-AG34-63F Datasheet
1Mb / 2P
   EC centrifugal fans
logo
List of Unclassifed Man...
R2E225RA ETC2-R2E225RA Datasheet
570Kb / 2P
   AC centrifugal fans - RadiCal짰 Series R2E225 RA 횠225 mm
R2E220 ETC2-R2E220 Datasheet
588Kb / 2P
   AC centrifugal fans - RadiCal짰 Series R2E220 RA 횠220 mm
logo
ebm-papst
R3G225-RE EBMPAPST-R3G225-RE Datasheet
671Kb / 2P
   EC centrifugal fans - RadiCal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com