Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SMBTA06UPN Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. SMBTA06UPN
Description  NPN/PNP Silicon AF Transistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

   
 1 page
background image
SMBTA06UPN
1
Aug-21-2002
NPN/PNP Silicon AF Transistor Array
 High breakdown voltage
 Low collector-emitter saturation voltage
 Two (galvanic) internal isolated NPN/PNP
Transistors in one package
Tape loading orientation
VPW09197
1
2
3
4
5
6
SC74_Tape
12 3
4
5
6
W1s
Direction of Unreeling
Top View
Marking on SC74 package
(for example W1s)
corresponds to pin 1 of device
Position in tape: pin 1
opposite of feed hole side
EHA07177
6
54
3
2
1
C1
B2
E2
C2
B1
E1
TR1
TR2
Type
Marking
Pin Configuration
Package
SMBTA06UPN
s2P
1=E 2=B 3=C 4=E 5=B 6=C SC74
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
80
V
Collector-base voltage
VCBO
80
Emitter-base voltage
VEBO
4
DC collector current
IC
500
mA
Peak collector current
ICM
1
A
Base current
IB
100
mA
Peak base current
IBM
200
Total power dissipation
, TS = 115 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
105
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC857SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BCR10PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMD48NPN/PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 5 MoreInfineon Technologies AG
SMBTA06UNPN Silicon AF Transistor Array 1 2 3 4 5 Infineon Technologies AG
UPA1438HNPN SILICON EPITAXIAL POWER TRANSISTOR ARRAY LOW SPEED SWITCHING DARLINGTON 1 2 3 4 NEC
BCR19PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMB1PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH1NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
UPA1428ANPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE 1 2 3 4 5 MoreNEC
BCR108SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl