Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SMBTA06UPN Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. SMBTA06UPN
Description  NPN/PNP Silicon AF Transistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

   
 4 page
background image
SMBTA06UPN
4
Aug-21-2002
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
EHP00818
10
0
V
BEsat
1.5
C
10
3
1
10
-1
5
0.5
1.0
10
0
5
Ι
V
mA
5
10
2
100 ˚C
25 ˚C
-50 ˚C
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
0.0
10
EHP00819
CEsat
V
0
3
10
Ι
C
mA
1
10
2
10
C
5
5
100
25 C
-50 C
0.1
0.2
0.3
0.4
0.5
0.6
V
0.8
DC current gain hFE = f (IC)
VCE = 1V
EHP00821
10
h
C
FE
10
1
10
-1
0
Ι
100 C
25 C
-50 C
1
10
2
10
3
10
mA
2
10
3
10
0
10
Collector current IC = f (VBE)
VCE = 1V
EHP00815
10
0
V
BE
1.5
C
10
3
1
10
-1
5
0.5
1.0
10
0
5
Ι
V
mA
5
10
2
100 C
25 C
-50 C




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC857SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BCR10PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMD48NPN/PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 5 MoreInfineon Technologies AG
SMBTA06UNPN Silicon AF Transistor Array 1 2 3 4 5 Infineon Technologies AG
UPA1438HNPN SILICON EPITAXIAL POWER TRANSISTOR ARRAY LOW SPEED SWITCHING DARLINGTON 1 2 3 4 NEC
BCR19PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMB1PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH1NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
UPA1428ANPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE 1 2 3 4 5 MoreNEC
BCR108SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl