Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBT5087 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SMBT5087
Description  PNP Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT5087 Datasheet(HTML) 6 Page - Infineon Technologies AG

  SMBT5087 Datasheet HTML 1Page - Infineon Technologies AG SMBT5087 Datasheet HTML 2Page - Infineon Technologies AG SMBT5087 Datasheet HTML 3Page - Infineon Technologies AG SMBT5087 Datasheet HTML 4Page - Infineon Technologies AG SMBT5087 Datasheet HTML 5Page - Infineon Technologies AG SMBT5087 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Nov-30-2001
6
SMBT5087
Noise figure F
=
(IC)
VCE = 5V, f = 1kHz
10
EHP00795
SMBT 5086/87
-3
1
10
mA
5
10
-2
10
-1
0
10
10
15
20
dB
0
F
Ι
C
10 k
100 k
= 1 M
R
S
1 k
500
Noise figure F
=
(IC)
VCE = 5V, f = 10kHz
10
EHP00796
SMBT 5086/87
-3
1
10
mA
5
10
-2
10
-1
0
10
10
15
20
dB
0
F
Ι
C
10 k
= 1 M
R
S
500
100 k
1 k


Similar Part No. - SMBT5087

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBT5087 SIEMENS-SMBT5087 Datasheet
253Kb / 6P
   PNP Silicon Transistors
More results

Similar Description - SMBT5087

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com