Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R73QI14704030J Datasheet(PDF) 1 Page - Kemet Corporation

Part # R73QI14704030J
Description  Capacitor, film, 4700 pF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=15 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R73QI14704030J Datasheet(HTML) 1 Page - Kemet Corporation

  R73QI14704030J Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/05/2015 - 1bcca25f-f515-4fb2-9cde-5027d009d326
KEMET Part Number: R73QI14704030J
Capacitor, film, 4700 pF, +/-5% Tol, -55/+105C, General Purpose, 1000 VDC@85C, Lead Spacing=15 mm
Dimensions (mm)
Symbol
Dimension
Tolerance
L
18
+0.3
H
11
+0.1
T
5
+0.2
S
15
+/-0.4
LL
30
+5/-0
F
0.8
+/-0.05
Notes:
-L,H,T are nominal dimensions and do not imply a minimum.
General Information
Supplier: KEMET
Dielectric: Film-Foil Polypropylene
Application: General Purpose
Sub Application: AEC-Q200
Style: Radial Box
Lead Form: Wire Leads
RoHS: Yes
Specifications
Capacitance: 4700 pF
Voltage: 1000 VDC
Tolerance: +/-5%
Voltage AC: 400 VAC
Rated Temperature: 85C
Temperature Range: -55/+105C
Dissipation Factor @ 1 kHz: 0.03%
Dissipation Factor @ 10 kHz: 0.04%
Dissipation Factor @ 100kHz: 0.1%
Insulation Resistance: 100 GOhm
Inductance: 10
Maximum dVdT: 28000 v/us
Miscellaneous: Above 85C DC and AC voltage
derating is 1.25%/C
Packaging Specifications
Package Kind: Bulk
Package Quantity: 1000
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R73QI14704030J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R73QI1470SE30K KEMET-R73QI1470SE30K Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 4700 pF, 10%, 1,000 V, 85C, Lead Spacing = 15mm
More results

Similar Description - R73QI14704030J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R75QD1470Z330J KEMET-R75QD1470Z330J Datasheet
56Kb / 1P
   Capacitor, film, 4700 pF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=7.5 mm
R76QF14704030J KEMET-R76QF14704030J Datasheet
56Kb / 1P
   Capacitor, film, 4700 pF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=10 mm
PHE450XB4470JB14R17 KEMET-PHE450XB4470JB14R17 Datasheet
58Kb / 1P
   Capacitor, film, 4700 pF, /-5% Tol, -55/105C, General Purpose, 3000 VDC@85C, Lead Spacing=15 mm
R73TI14704000J KEMET-R73TI14704000J Datasheet
56Kb / 1P
   Capacitor, film, 4700 pF, /-5% Tol, -55/105C, General Purpose, 1600 VDC@85C, Lead Spacing=15 mm
R76TI14704040J KEMET-R76TI14704040J Datasheet
56Kb / 1P
   Capacitor, film, 4700 pF, /-5% Tol, -55/105C, General Purpose, 1600 VDC@85C, Lead Spacing=15 mm
R76UI14704040J KEMET-R76UI14704040J Datasheet
56Kb / 1P
   Capacitor, film, 4700 pF, /-5% Tol, -55/105C, General Purpose, 2000 VDC@85C, Lead Spacing=15 mm
R73QI13304030J KEMET-R73QI13304030J Datasheet
55Kb / 1P
   Capacitor, film, 3300 pF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=15 mm
R73TI11004000J KEMET-R73TI11004000J Datasheet
55Kb / 1P
   Capacitor, film, 1000 pF, /-5% Tol, -55/105C, General Purpose, 1600 VDC@85C, Lead Spacing=15 mm
PHE450XB4100JB04R17 KEMET-PHE450XB4100JB04R17 Datasheet
58Kb / 1P
   Capacitor, film, 1000 pF, /-5% Tol, -55/105C, General Purpose, 3000 VDC@85C, Lead Spacing=15 mm
R73QI16804030J KEMET-R73QI16804030J Datasheet
56Kb / 1P
   Capacitor, film, 6800 pF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=15 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com