Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBT3904UPN Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SMBT3904UPN
Description  NPN/PNP Silicon Switching Transistor Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3904UPN Datasheet(HTML) 2 Page - Infineon Technologies AG

  SMBT3904UPN Datasheet HTML 1Page - Infineon Technologies AG SMBT3904UPN Datasheet HTML 2Page - Infineon Technologies AG SMBT3904UPN Datasheet HTML 3Page - Infineon Technologies AG SMBT3904UPN Datasheet HTML 4Page - Infineon Technologies AG SMBT3904UPN Datasheet HTML 5Page - Infineon Technologies AG SMBT3904UPN Datasheet HTML 6Page - Infineon Technologies AG SMBT3904UPN Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMBT3904UPN
Aug-21-2002
2
Electrical Characteristics at TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics per Transistor
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
40
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
V(BR)CBO
40
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
5
-
-
Collector cutoff current
VCB = 30 V, IE = 0
ICBO
-
-
50
nA
DC current gain 1)
IC = 100 µA, VCE = 1 V
IC = 1 mA, VCE = 1 V
IC = 10 mA, VCE = 1 V
IC = 50 mA, VCE = 1 V
IC = 100 mA, VCE = 1 V
hFE
40
70
100
60
30
-
-
-
-
-
-
-
300
-
-
-
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 1 mA
IC = 50 mA, IB = 5 mA
VCEsat
-
-
-
-
0.25
0.4
V
Base-emitter saturation voltage 1)
IC = 10 mA, IB = 1 mA
IC = 50 mA, IB = 5 mA
VBEsat
0.65
-
-
-
0.85
0.95
1) Pulse test: t < 300
s; D < 2%


Similar Part No. - SMBT3904UPN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
108Kb / 9P
   NPN / PNP Silicon Switching Transistor Array Low collector-emitter saturation voltage
2007-03-28
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
853Kb / 9P
   NPN / PNP Silicon Switching Transistor Array
2012-08-21
More results

Similar Description - SMBT3904UPN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT3904PN INFINEON-SMBT3904PN Datasheet
217Kb / 7P
   NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904PN INFINEON-SMBT3904PN_12 Datasheet
853Kb / 9P
   NPN / PNP Silicon Switching Transistor Array
2012-08-21
SMBT3906S INFINEON-SMBT3906S Datasheet
76Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3906U INFINEON-SMBT3906U Datasheet
77Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
logo
Siemens Semiconductor G...
SMBT3906S SIEMENS-SMBT3906S Datasheet
68Kb / 8P
   PNP Silicon Switching Transistor Array
logo
Infineon Technologies A...
BC817UPN INFINEON-BC817UPN Datasheet
137Kb / 4P
   NPN/PNP Silicon Transistor Array
Aug-21-2002
logo
Siemens Semiconductor G...
SMBT3904S SIEMENS-SMBT3904S Datasheet
79Kb / 8P
   NPN Silicon Switching Transistor Array
logo
Infineon Technologies A...
SMBT3904S INFINEON-SMBT3904S Datasheet
76Kb / 8P
   NPN Silicon Switching Transistor Array
Nov-30-2001
SMBT3904U INFINEON-SMBT3904U Datasheet
76Kb / 8P
   NPN Silicon Switching Transistor Array
Nov-30-2001
BCR10PN INFINEON-BCR10PN Datasheet
51Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com