Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBT3904 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SMBT3904
Description  NPN Silicon Switching Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3904 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SMBT3904 Datasheet HTML 1Page - Infineon Technologies AG SMBT3904 Datasheet HTML 2Page - Infineon Technologies AG SMBT3904 Datasheet HTML 3Page - Infineon Technologies AG SMBT3904 Datasheet HTML 4Page - Infineon Technologies AG SMBT3904 Datasheet HTML 5Page - Infineon Technologies AG SMBT3904 Datasheet HTML 6Page - Infineon Technologies AG SMBT3904 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SMBT3904/ MMBT3904
4
Feb-18-2002
Test circuits
Delay and rise tim
e
EHN00061
275
10 k
+3.0 V
0
-0.5 V
<4.0 pF
C
+10.9 V
D = 2%
300 ns
<1.0 ns
Storage and fall time
EHN00062
275
10
+3.0 V
0
-9.1
<4.0 pF
C
+10.9 V
D = 2%
1N916
<1.0
t
1
µs
500
10 t
1
V
k
ns
<<


Similar Part No. - SMBT3904

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBT3904 SIEMENS-SMBT3904 Datasheet
212Kb / 7P
   NPN Silicon Switching Transistor
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904 Datasheet
146Kb / 13P
   NPN Silicon Switching Transistors
2007-09-20
SMBT3904 INFINEON-SMBT3904 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
ON Semiconductor
SMBT3904DW1 ONSEMI-SMBT3904DW1 Datasheet
102Kb / 8P
   Dual General Purpose Transistors
June, 2015 ??Rev. 11
SMBT3904DW1T1G ONSEMI-SMBT3904DW1T1G Datasheet
138Kb / 8P
   Dual General Purpose Transistors
October, 2012 ??Rev. 9
More results

Similar Description - SMBT3904

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
   Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
   Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
   NPN Silicon Switching Transistor
Nov-30-2001
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
   NPN Silicon Switching Transistor
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
   Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com