Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8804PWP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8804PWP
Description  Quad Serial Interface Low-Side Driver IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8804PWP Datasheet(HTML) 4 Page - Texas Instruments

  DRV8804PWP Datasheet HTML 1Page - Texas Instruments DRV8804PWP Datasheet HTML 2Page - Texas Instruments DRV8804PWP Datasheet HTML 3Page - Texas Instruments DRV8804PWP Datasheet HTML 4Page - Texas Instruments DRV8804PWP Datasheet HTML 5Page - Texas Instruments DRV8804PWP Datasheet HTML 6Page - Texas Instruments DRV8804PWP Datasheet HTML 7Page - Texas Instruments DRV8804PWP Datasheet HTML 8Page - Texas Instruments DRV8804PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
DRV8804
SLVSAW4F – JULY 2011 – REVISED DECEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VM
Power supply voltage
–0.3
65
V
VOUTx
Output voltage
–0.3
65
V
VCLAMP
Clamp voltage
–0.3
65
V
SDATOUT,
Output current
20
mA
nFAULT
Peak clamp diode current
2
A
DC or RMS clamp diode current
1
A
Digital input pin voltage
–0.5
7
V
SDATOUT,
Digital output pin voltage
–0.5
7
V
nFAULT
Peak motor drive output current, t < 1
μs
Internally limited
A
Continuous total power dissipation
See Thermal Information
TJ
Operating virtual junction temperature
–40
150
°C
Tstg
Storage temperature
–60
150
°C
(1)
All voltage values are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±3000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±1000
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VM
Power supply voltage
8.2
60
V
VCLAMP
Output clamp voltage(1)
0
60
V
Continuous output current, single channel on, TA = 25°C, SOIC package
(2)
1.5
Continuous output current, four channels on, TA = 25°C, SOIC package
(2)
0.8
IOUT
A
Continuous output current, single channel on, TA = 25°C, HTSSOP package
(2)
2
Continuous output current, four channels on, TA = 25°C, HTSSOP package
(2)
1
(1)
VCLAMP is used only to supply the clamp diodes. It is not a power supply input.
(2)
Power dissipation and thermal limits must be observed.
6.4 Thermal Information
DRV8804
THERMAL METRIC(1)
DW (SOIC)
PWP (HTSSOP)
UNIT
20 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
67.7
39.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
32.9
24.6
°C/W
RθJB
Junction-to-board thermal resistance
35.4
20.3
°C/W
ψJT
Junction-to-top characterization parameter
8.2
0.7
°C/W
ψJB
Junction-to-board characterization parameter
34.9
20.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DRV8804


Similar Part No. - DRV8804PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results

Similar Description - DRV8804PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI1-DRV8806 Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806PWP TI1-DRV8806PWP Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI-DRV8806_15 Datasheet
896Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
DRV8803PWP TI-DRV8803PWP Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com