Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8804DW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8804DW
Description  Quad Serial Interface Low-Side Driver IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8804DW Datasheet(HTML) 5 Page - Texas Instruments

  DRV8804DW Datasheet HTML 1Page - Texas Instruments DRV8804DW Datasheet HTML 2Page - Texas Instruments DRV8804DW Datasheet HTML 3Page - Texas Instruments DRV8804DW Datasheet HTML 4Page - Texas Instruments DRV8804DW Datasheet HTML 5Page - Texas Instruments DRV8804DW Datasheet HTML 6Page - Texas Instruments DRV8804DW Datasheet HTML 7Page - Texas Instruments DRV8804DW Datasheet HTML 8Page - Texas Instruments DRV8804DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DRV8804
www.ti.com
SLVSAW4F – JULY 2011 – REVISED DECEMBER 2015
Thermal Information (continued)
DRV8804
THERMAL METRIC(1)
DW (SOIC)
PWP (HTSSOP)
UNIT
20 PINS
16 PINS
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
2.3
°C/W
6.5 Electrical Characteristics
TA = 25°C, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
IVM
VM operating supply current
VM = 24 V
1.6
2.1
mA
VUVLO
VM undervoltage lockout voltage
VM rising
8.2
V
LOGIC-LEVEL INPUTS (SCHMITT TRIGGER INPUTS WITH HYSTERESIS)
VIL
Input low voltage
0.6
0.7
V
VIH
Input high voltage
2
V
VHYS
Input hysteresis
0.45
V
IIL
Input low current
VIN = 0
–20
20
μA
IIH
Input high current
VIN = 3.3 V
100
μA
RPD
Pulldown resistance
100
k
Ω
nFAULT OUTPUT (OPEN-DRAIN OUTPUT)
VOL
Output low voltage
IO = 5 mA
0.5
V
IOH
Output high leakage current
VO = 3.3 V
1
μA
SDATOUT OUTPUT (PUSH-PULL OUTPUT)
VOL
Output low voltage
IO = 5 mA
0.5
V
IO = 100 µA, VM = 11 V - 60 V, peak
6.5
VOH
Output high voltage
IO = 100 µA, VM = 11 V - 60 V, steady state
3.3
4.5
5.6
V
IO = 100 µA, VM = 8.2 V - 11 V, steady state
2.5
ISRC
Output source current
VM = 24 V
1
mA
ISNK
Output sink current
VM = 24 V
5
mA
LOW-SIDE FETS
VM = 24 V, IO = 700 mA, TJ = 25°C
0.5
RDS(ON)
FET on resistance
VM = 24 V, IO = 700 mA, TJ = 85°C
0.75
0.8
IOFF
Off-state leakage current
–50
50
μA
HIGH-SIDE DIODES
VF
Diode forward voltage
VM = 24 V, IO = 700 mA, TJ = 25°C
1.2
V
IOFF
Off-state leakage current
VM = 24 V, TJ = 25°C
–50
50
μA
OUTPUTS
tR
Rise time
VM = 24 V, IO = 700 mA, Resistive load
50
300
ns
tF
Fall time
VM = 24 V, IO = 700 mA, Resistive load
50
300
ns
PROTECTION CIRCUITS
IOCP
Overcurrent protection trip level
2.3
3.8
A
tOCP
Overcurrent protection deglitch time
3.5
µs
tRETRY
Overcurrent protection retry time
1.2
ms
tTSD
Thermal shutdown temperature
Die temperature(1)
150
160
180
°C
(1)
Not production tested.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DRV8804


Similar Part No. - DRV8804DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8804DW TI1-DRV8804DW Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804DWR TI1-DRV8804DWR Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
More results

Similar Description - DRV8804DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI1-DRV8806 Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806PWP TI1-DRV8806PWP Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI-DRV8806_15 Datasheet
896Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
DRV8803PWP TI-DRV8803PWP Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com