Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8804 Datasheet(PDF) 10 Page - Texas Instruments

Part # DRV8804
Description  Quad Serial Interface Low-Side Driver IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8804 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8804_16 Datasheet HTML 6Page - Texas Instruments DRV8804_16 Datasheet HTML 7Page - Texas Instruments DRV8804_16 Datasheet HTML 8Page - Texas Instruments DRV8804_16 Datasheet HTML 9Page - Texas Instruments DRV8804_16 Datasheet HTML 10Page - Texas Instruments DRV8804_16 Datasheet HTML 11Page - Texas Instruments DRV8804_16 Datasheet HTML 12Page - Texas Instruments DRV8804_16 Datasheet HTML 13Page - Texas Instruments DRV8804_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
DRV8804
SLVSAW4F – JULY 2011 – REVISED DECEMBER 2015
www.ti.com
Feature Description (continued)
7.3.3 nENBL and RESET Operation
The nENBL pin enables or disables the output drivers. nENBL must be low to enable the outputs. nENBL does
not affect the operation of the serial interface logic. Note that nENBL has an internal pulldown.
The RESET pin, when driven active high, resets internal logic, including the OCP fault. All serial interface
registers are cleared. Note that RESET has an internal pulldown. An internal power-up reset is also provided, so
driving RESET at power up is not required.
7.3.4 Protection Circuits
The DRV8804 is fully protected against undervoltage, overcurrent, and overtemperature events.
7.3.4.1 Overcurrent Protection (OCP)
An analog current limit circuit on each FET limits the current through the FET by removing the gate drive. If this
analog current limit persists for longer than the tOCP deglitch time (approximately 3.5 µs), the driver will be
disabled and the nFAULT pin will be driven low. The driver will remain disabled for the tRETRY retry time
(approximately 1.2 ms), then the fault will be automatically cleared. The fault will be cleared immediately if either
RESET pin is activated or VM is removed and re-applied.
7.3.4.2 Thermal Shutdown (TSD)
If the die temperature exceeds safe limits, all output FETs will be disabled and the nFAULT pin will be driven low.
Once the die temperature has fallen to a safe level, operation will automatically resume.
7.3.4.3 Undervoltage Lockout (UVLO)
If at any time the voltage on the VM pin falls below the undervoltage lockout (UVLO) threshold voltage, all
circuitry in the device will be disabled, and internal logic will be reset. Operation will resume when VM rises above
the UVLO threshold.
7.4 Device Functional Modes
When the nENBL pin of the DRV8804 is pulled logic low, the open-drain FET outputs are enabled. Having the
device be enabled at logic low allows for the use of long data lines in a high noise environment that do not
unintentionally enable the device with coupled noise. The device will still shift data through the SDATIN /
SDATOUT lines and SCLK line regardless of the state of the nENBL pin.
Once data has been moved into each of the four shift register lines the LATCH pin can be pulled high to output
the state of the four shift registers. Once LATCH is pulled high the state of the four shift registers is placed in a
logical AND with the inverse state of the nENBL pin. If the nENBL pin is logic low input and the LATCH pin is
logic high the open-drain output of that driver channel will be turned on.
If the device detects that VM has dropped below the UVLO threshold, it will immediately enter a state where all
the internal logic is disabled. The device stays in a disabled state until VM rises above the UVLO threshold and
all internal logic is then reset. During an Overcurrent Protection (OCP) event the device removes gate drive for
one tRETRY interval and the nFAULT pin is driven low. The fault is cleared immediately if RESET is activated or
VM is removed and re-applied.
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DRV8804


Similar Part No. - DRV8804_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results

Similar Description - DRV8804_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI1-DRV8806 Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806PWP TI1-DRV8806PWP Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI-DRV8806_15 Datasheet
896Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
DRV8803PWP TI-DRV8803PWP Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com