Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8801QRTYRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8801QRTYRQ1
Description  DMOS Full-Bridge Motor Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8801QRTYRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8801QRTYRQ1 Datasheet HTML 5Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 6Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 7Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 8Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 9Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 10Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 11Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 12Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
0
10
20
30
40
50
60
5 V
15 V
25 V
35 V
45 V
Supply Voltage
C003
0
1
2
3
4
5
6
7
8
9
10
8 V
32 V
38 V
Supply Voltage
±40ƒC
25°C
125°C
C001
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
1.02
8V
32V
Supply Voltage
Source Driver
Sink Driver
C002
DRV8801-Q1
www.ti.com
SLVSAS7B – FEBRUARY 2011 – REVISED JANUARY 2016
6.7 Typical Characteristics
Figure 3. IVBBQvs VBB
Figure 4. RDS(ON) vs VBB (Normalized to VBB = 8 V)
Figure 5. VCP vs VBB
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DRV8801-Q1


Similar Part No. - DRV8801QRTYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8801QRTYRQ1 TI1-DRV8801QRTYRQ1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results

Similar Description - DRV8801QRTYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
logo
Allegro MicroSystems
A4953ELJTR-T ALLEGRO-A4953ELJTR-T Datasheet
299Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
logo
Texas Instruments
DRV8800 TI-DRV8800_15 Datasheet
1Mb / 33P
[Old version datasheet]   DRV880x DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI-DRV8801A-Q1_15 Datasheet
831Kb / 24P
[Old version datasheet]   DRV8801A-Q1 DMOS Full-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com