Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8305NQPHPRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8305NQPHPRQ1
Description  Three-Phase Automotive Gate Driver
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8305NQPHPRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8305NQPHPRQ1 Datasheet HTML 5Page - Texas Instruments DRV8305NQPHPRQ1 Datasheet HTML 6Page - Texas Instruments DRV8305NQPHPRQ1 Datasheet HTML 7Page - Texas Instruments DRV8305NQPHPRQ1 Datasheet HTML 8Page - Texas Instruments DRV8305NQPHPRQ1 Datasheet HTML 9Page - Texas Instruments DRV8305NQPHPRQ1 Datasheet HTML 10Page - Texas Instruments DRV8305NQPHPRQ1 Datasheet HTML 11Page - Texas Instruments DRV8305NQPHPRQ1 Datasheet HTML 12Page - Texas Instruments DRV8305NQPHPRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
9
DRV8305-Q1
www.ti.com
SLVSD12A – MAY 2015 – REVISED MARCH 2016
Product Folder Links: DRV8305-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
PVDD = 4.4 to 45 V, DRV8305xQ: TJ = –40°C to 150°C, DRV8305xE: TJ = –40°C to 175°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDRIVEN_LS
Low-side peak sink current
IDRIVEN_LS = 0000
0.02
A
IDRIVEN_LS = 0001
0.03
IDRIVEN_LS = 0010
0.04
IDRIVEN_LS = 0011
0.05
IDRIVEN_LS = 0100
0.06
IDRIVEN_LS = 0101
0.07
IDRIVEN_LS = 0110
0.08
IDRIVEN_LS = 0111
0.25
IDRIVEN_LS = 1000
0.5
IDRIVEN_LS = 1001
0.75
IDRIVEN_LS = 1010
1
IDRIVEN_LS = 1011
1.25
IDRIVEN_LS = 1100, 1101, 1110, 1111
0.06
PASSIVE GATE PULL DOWN (GHx, GLx)
RSLEEP_PD
Gate pull down resistance,
sleep mode
EN_GATE = LOW; GHx to GND;
1000
EN_GATE = LOW; GLx to GND;
500
RSTANDBY_PD
Gate pull down resistance,
standby mode
EN_GATE = LOW; GHx to GND;
1000
EN_GATE = LOW; GLx to GND;
500
ACTIVE GATE PULL DOWN (GHx, GLx)
IHOLD
Gate pull down current,
holding
EN_GATE = HIGH;
GHx to SHx; GLx to SLx
50
mA
ISTRONG
Gate pull down current,
strong
EN_GATE = HIGH;
GHx to SHx; GLx to SLx
1.25
A
GATE TIMING
tpd_lf-O
Positive input falling to
GHS_x falling
PVDD = 12 V; CL = 1 nF; 50% to 50%
150
ns
tpd_lr-O
Positive input rising to
GHS_x rising
PVDD = 12 V; CL = 1 nF; 50% to 50%
150
ns
td_min
Minimum dead time after
hand shaking
280
ns
tdtp
Dead time in addition to
td_min
DEAD_TIME = 000
35
ns
DEAD_TIME = 001
52
DEAD_TIME = 010
88
DEAD_TIME = 011
440
DEAD_TIME = 100
880
DEAD_TIME = 101
1760
DEAD_TIME = 110
3520
DEAD_TIME = 111
5280
tPD_MATCH
Propagation delay matching
between high-side and low-
side
50
ns
tDT_MATCH
Dead time matching
50
ns


Similar Part No. - DRV8305NQPHPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8305NPHP TI1-DRV8305NPHP Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8305NPHPR TI1-DRV8305NPHPR Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
More results

Similar Description - DRV8305NQPHPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Allegro MicroSystems
AMT49106 ALLEGRO-AMT49106 Datasheet
2Mb / 74P
   Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com