Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8305NEPHPQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8305NEPHPQ1
Description  Three-Phase Automotive Gate Driver
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8305NEPHPQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8305NEPHPQ1 Datasheet HTML 3Page - Texas Instruments DRV8305NEPHPQ1 Datasheet HTML 4Page - Texas Instruments DRV8305NEPHPQ1 Datasheet HTML 5Page - Texas Instruments DRV8305NEPHPQ1 Datasheet HTML 6Page - Texas Instruments DRV8305NEPHPQ1 Datasheet HTML 7Page - Texas Instruments DRV8305NEPHPQ1 Datasheet HTML 8Page - Texas Instruments DRV8305NEPHPQ1 Datasheet HTML 9Page - Texas Instruments DRV8305NEPHPQ1 Datasheet HTML 10Page - Texas Instruments DRV8305NEPHPQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
7
DRV8305-Q1
www.ti.com
SLVSD12A – MAY 2015 – REVISED MARCH 2016
Product Folder Links: DRV8305-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
PVDD = 4.4 to 45 V, DRV8305xQ: TJ = –40°C to 150°C, DRV8305xE: TJ = –40°C to 175°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (PVDD, DVDD, AVDD)
VPVDD
PVDD operating voltage
4.4
45
V
Voltage regulator (VREG) operational
4.3
45
IPVDD_Operating
PVDD operating supply
current
EN_GATE = HIGH; VREG no load;
outputs HI-Z
20
mA
IPVDD_Standby
PVDD standby supply
current
EN_GATE = LOW; VREG no load
5
mA
IPVDD_Sleep
PVDD sleep supply current
EN_GATE = LOW; Sleep Mode;
TJ = –40 to 150 °C
60
200
μA
EN_GATE = LOW; Sleep Mode;
TJ = 150 to 175 °C
250
uA
VAVDD
Internal regulator voltage
PVDD = 5.3 to 45 V
4.85
5
5.15
V
PVDD = 4.4 to 5.3 V
PVDD – 0.4
PVDD
VDVDD
Internal regulator voltage
3.3
V
VOLTAGE REGULATOR (3.3-V or 5-V VREG)
VVREG
VREG DC output voltage
PVDD = 5.4 to 45 V
VREG ×
0.97
VREG
VREG ×
1.03
V
PVDD = 4.4 to 5.3 V; 5-V regulator
PVDD – 0.4
PVDD
PVDD = 4.4 to 5.3 V; 3.3-V regulator
VREG ×
0.97
VREG
VREG ×
1.03
VLineReg
Line regulation
ΔVOUT/ΔVIN
5.3 V
≤ VIN ≤ 12 V; IO = 1 mA
10
30
mV
VLoadReg
Load regulation
ΔVOUT/ΔIOUT
100
μA ≤ IOUT ≤ 50 mA
30
mV
Vdo
Dropout voltage
IOUT = 100 μA; 3.3 V
0.05
0.1
V
IOUT = 50 mA; 3.3 V
0.2
0.4
LOGIC-LEVEL INPUTS (INHx, INLx, EN_GATE, SCLK, nSCS)
VIL
Input logic low voltage
0
0.8
V
VIH
Input logic high voltage
2
5
V
RPD
Internal pulldown resistor
To GND
100
k
CONTROL OUTPUTS (nFAULT, SDO, PWRGD)
VOL
Output logic low voltage
nFAULT; SDO; PWRGD; IO = 5 mA
0.5
V
VOH
Output logic high voltage
SDO; IO = 5 mA
VREG - 0.9
V
IOH
Output logic high leakage
VO = 3.3 V
–1
1
μA
HIGH VOLTAGE TOLERANT LOGIC INPUT (WAKE)
VIL_WAKE
Output logic high voltage
1.1
1.41
V
VIH_WAKE
Output logic high leakage
1.42
1.75
V
GATE DRIVE OUTPUT (GHx, GLx)
VGHS
High side gate driver Vgs
voltage
VPVDD = 8 to 45 V; IGATE < 30 mA
9
10
10.5
V
VPVDD = 5.5 to 8 V; IGATE < 10 mA
7
10.5
VPVDD = 4.4 to 5.5 V; IGATE < 5 mA
5
9
VGLS
Low-side gate driver Vgs
voltage
VPVDD = 8 to 45 V; IGATE < 30 mA
9
10
10.5
V
VPVDD = 5.5 to 8 V; IGATE < 10 mA
9
10.5
VPVDD = 4.4 to 5.5 V; IGATE < 5 mA
8
10.5
PEAK CURRENT DRIVE TIMES (GHx, GLx)
tDRIVE
Peak sink or source current
drive time
TDRIVEP = 00; TDRIVEN = 00
220
ns
TDRIVEP = 01; TDRIVEN = 01
440
TDRIVEP = 10; TDRIVEN = 10
880
TDRIVEP = 11; TDRIVEN = 11
1780


Similar Part No. - DRV8305NEPHPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8305NPHP TI1-DRV8305NPHP Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8305NPHPR TI1-DRV8305NPHPR Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
More results

Similar Description - DRV8305NEPHPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Allegro MicroSystems
AMT49106 ALLEGRO-AMT49106 Datasheet
2Mb / 74P
   Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com