Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8307RHAT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8307RHAT
Description  Brushless DC Motor Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8307RHAT Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8307RHAT Datasheet HTML 6Page - Texas Instruments DRV8307RHAT Datasheet HTML 7Page - Texas Instruments DRV8307RHAT Datasheet HTML 8Page - Texas Instruments DRV8307RHAT Datasheet HTML 9Page - Texas Instruments DRV8307RHAT Datasheet HTML 10Page - Texas Instruments DRV8307RHAT Datasheet HTML 11Page - Texas Instruments DRV8307RHAT Datasheet HTML 12Page - Texas Instruments DRV8307RHAT Datasheet HTML 13Page - Texas Instruments DRV8307RHAT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Power
Outputs
PPAD
CP1
CP2
VCP
VCP
VM
VINT
GND
FAULTn
LOCKn
HALLOUT
RISENSE
ISEN
VSW
0.1 µF
1 µF
Hall
U
Hall
V
Hall
W
VM
UHSG
ULSG
U
VM
VHSG
VLSG
V
VM
WHSG
WLSG
W
VM
Optional
HV+
HV±
Optional
HU+
HU±
Optional
HW+
HW±
Hall
Differential
Comparators
+
-
+
-
+
-
Control
Inputs
VLIMITER
PWM
Limiter
-
+
VSENSEOCP
SENSE
OCP
-
+
Charge
Pump
VREG
0.1 µF
VM
Hall
Power
VSW or VREG
ENABLE#
1 µF
Core
Logic
VCP
10 V
Phase W
pre-driver
VCP
10 V
Phase V
pre-driver
VCP
10 V
Phase U
pre-driver
1.8-V Linear
Regulator
5-V Linear
Regulator
Oscillator
Thermal
Sensor
10-V Linear
Regulator
10 V
Voltage
Monitoring
BRAKE
PWM
DIR
ENABLEn
bulk
10
DRV8307
SLVSCK2A – APRIL 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DRV8307
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.2 Functional Block Diagram


Similar Part No. - DRV8307RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8307 TI-DRV8307_15 Datasheet
975Kb / 34P
[Old version datasheet]   DRV8307 Brushless DC Motor Controller
More results

Similar Description - DRV8307RHAT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com