Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV83055PHPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV83055PHPR
Description  Three Phase Gate Driver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV83055PHPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV83055PHPR Datasheet HTML 4Page - Texas Instruments DRV83055PHPR Datasheet HTML 5Page - Texas Instruments DRV83055PHPR Datasheet HTML 6Page - Texas Instruments DRV83055PHPR Datasheet HTML 7Page - Texas Instruments DRV83055PHPR Datasheet HTML 8Page - Texas Instruments DRV83055PHPR Datasheet HTML 9Page - Texas Instruments DRV83055PHPR Datasheet HTML 10Page - Texas Instruments DRV83055PHPR Datasheet HTML 11Page - Texas Instruments DRV83055PHPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
8
DRV8305
SLVSCX2B – AUGUST 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DRV8305
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
PVDD = 4.4 to 45 V, TA = 25°C, unless specified under test condition
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VGLS
Low-side gate driver Vgs
voltage
VPVDD = 8 to 45 V; IGATE < 30 mA, CVCPH
= 2.2
μF, CCP1/CP2 = 0.047 μF, CVCP_LSD
= 1
μF
9
10
10.5
V
VPVDD = 5.5 to 8 V; IGATE < 6 mA, CVCPH
= 2.2
μF, CCP1/CP2 = 0.047 μF, CVCP_LSD
= 1
μF
9
10.5
VPVDD = 4.4 to 5.5 V; IGATE < 6 mA,
CVCPH = 2.2 μF, CCP1/CP2 = 0.047 μF,
CVCP_LSD = 1 μF
8
9
PEAK CURRENT DRIVE TIMES
tDRIVE
Peak sink or source current
drive time
TDRIVEP = 00; TDRIVEN = 00
220
ns
TDRIVEP = 01; TDRIVEN = 01
440
TDRIVEP = 10; TDRIVEN = 10
880
TDRIVEP = 11; TDRIVEN = 11
1660
HIGH SIDE (GHA, GHB, GHC) PEAK CURRENT GATE DRIVE
IDRIVEP_HS
High-side peak source
current
IDRIVEP_HS = 0000
0.01
A
IDRIVEP_HS = 0001
0.02
IDRIVEP_HS = 0010
0.03
IDRIVEP_HS = 0011
0.04
IDRIVEP_HS = 0100
0.05
IDRIVEP_HS = 0101
0.06
IDRIVEP_HS = 0110
0.07
IDRIVEP_HS = 0111
0.125
IDRIVEP_HS = 1000
0.25
IDRIVEP_HS = 1001
0.5
IDRIVEP_HS = 1010
0.75
IDRIVEP_HS = 1011
1
IDRIVEP_HS = 1100, 1101, 1110, 1111
0.05
IDRIVEN_HS
High-side peak sink current
IDRIVEN_HS = 0000
0.02
A
IDRIVEN_HS = 0001
0.03
IDRIVEN_HS = 0010
0.04
IDRIVEN_HS = 0011
0.05
IDRIVEN_HS = 0100
0.06
IDRIVEN_HS = 0101
0.07
IDRIVEN_HS = 0110
0.08
IDRIVEN_HS = 0111
0.25
IDRIVEN_HS = 1000
0.5
IDRIVEN_HS = 1001
0.75
IDRIVEN_HS = 1010
1
IDRIVEN_HS = 1011
1.25
IDRIVEN_HS = 1100, 1101, 1110, 1111
0.06


Similar Part No. - DRV83055PHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV83055QPHPQ1 TI1-DRV83055QPHPQ1 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV83055QPHPRQ1 TI1-DRV83055QPHPRQ1 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
More results

Similar Description - DRV83055PHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Texas Instruments
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com