Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8305-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # DRV8305-Q1
Description  Three-Phase Automotive Gate Driver
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8305-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8305-Q1_16 Datasheet HTML 6Page - Texas Instruments DRV8305-Q1_16 Datasheet HTML 7Page - Texas Instruments DRV8305-Q1_16 Datasheet HTML 8Page - Texas Instruments DRV8305-Q1_16 Datasheet HTML 9Page - Texas Instruments DRV8305-Q1_16 Datasheet HTML 10Page - Texas Instruments DRV8305-Q1_16 Datasheet HTML 11Page - Texas Instruments DRV8305-Q1_16 Datasheet HTML 12Page - Texas Instruments DRV8305-Q1_16 Datasheet HTML 13Page - Texas Instruments DRV8305-Q1_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
10
DRV8305-Q1
SLVSD12A – MAY 2015 – REVISED MARCH 2016
www.ti.com
Product Folder Links: DRV8305-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
PVDD = 4.4 to 45 V, DRV8305xQ: TJ = –40°C to 150°C, DRV8305xE: TJ = –40°C to 175°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SHUNT AMPLIFIER
GCSA
Current sense amplifier gain
GAIN_CSx = 00
10
V/V
GAIN_CSx = 01
19.9
GAIN_CSx = 10
39.8
GAIN_CSx = 11
79.5
GERR
Current sense amplifier gain
error
Input differential > 0.025 V;
TJ = –40 to 150 °C
–3%
3%
Input differential > 0.025 V;
TJ = 150 to 175 °C
–4%
4%
tSETTLING
Current sense amplifier
settling time
Settling time to 1%; no blanking;
GCSA = 10; Vstep = 0.46 V
300
ns
Settling time to 1%; no blanking;
GCSA = 20; Vstep = 0.46 V
600
Settling time to 1%; no blanking;
GCSA = 40; Vstep = 0.46 V
1.2
µs
Settling time to 1%; no blanking;
GCSA = 80; Vstep = 0.46 V
2.4
VIOS
DC input offset
GCSA = 10; input shorted; RTI
–4
4
mV
VVREF_ERR
Reference buffer error (DC)
Internal or external VREF;
TJ = –40 to 150 °C
–2%
2%
Internal or external VREF;
TJ = 150 to 175 °C
–3%
3%
VDRIFTOS
Input offset error drift
GCSA = 10; input shorted; RTI
10
µV/C
IBIAS
Input bias current
VIN_COM = 0; SOx open
100
µA
IOFFSET
Input bias current offset
IBIAS (SNx-SPx); VIN_COM = 0;
SOx open
1
µA
VIN_COM
Common input mode range
–0.15
0.15
V
VIN_DIFF
Differential input range
-0.48
0.48
V
CMRR
Common mode rejection
ration
External input resistance matched;
DC; GCSA = 10
60
80
dB
External input resistance matched;
20 kHz; GCSA = 10
60
80
PSRR
Power supply rejection ratio
DC (<120 Hz); GCSA = 10
150
dB
20 kHz; GCSA = 10
90
VSWING
Output voltage swing
PVDD > 5.3 V
0.3
4.7
V
VSLEW
Output slew rate
GCSA = 10; RL = 0 Ω; CL = 60 pF
5.2
10
V/µs
IVO
Output short circuit current
SOx shorted to ground
20
mA
UGB
Unity gain bandwidth
product
GCSA = 10
2
MHz
VOLTAGE PROTECTION
VAVDD_UVLO
AVDD under voltage Fault
Relative to GND
3.3
3.5
V
VVREG_UV
VREG under voltage Fault
VREG_UV_LEVEL = 00
VREG x 0.9
V
VREG_UV_LEVEL = 01
VREG x 0.8
VREG_UV_LEVEL = 10
VREG x 0.7
VREG_UV_LEVEL = 11
VREG x 0.7
VVREG_UV_DGL
VREG under voltage
monitor deglitch time
1.5
2
µs
VPVDD_UVFL
Under voltage protection
warning, PVDD
PVDD falling
7.7
8.1
V
PVDD rising
7.9
8.3


Similar Part No. - DRV8305-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8305-Q1 TI-DRV8305-Q1_15 Datasheet
117Kb / 6P
[Old version datasheet]   DRV8305-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Voltage Regulator
More results

Similar Description - DRV8305-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Allegro MicroSystems
AMT49106 ALLEGRO-AMT49106 Datasheet
2Mb / 74P
   Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com