Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8303 Datasheet(PDF) 10 Page - Texas Instruments

Part # DRV8303
Description  Three Phase Gate Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8303 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8303_15 Datasheet HTML 6Page - Texas Instruments DRV8303_15 Datasheet HTML 7Page - Texas Instruments DRV8303_15 Datasheet HTML 8Page - Texas Instruments DRV8303_15 Datasheet HTML 9Page - Texas Instruments DRV8303_15 Datasheet HTML 10Page - Texas Instruments DRV8303_15 Datasheet HTML 11Page - Texas Instruments DRV8303_15 Datasheet HTML 12Page - Texas Instruments DRV8303_15 Datasheet HTML 13Page - Texas Instruments DRV8303_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10.0
10.2
10.4
10.6
10.8
11.0
11.2
11.4
11.6
11.8
12.0
-40
0
25
85
125
Temperature (
ƒC)
C001
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
-40
0
25
85
125
Temperature (
ƒC)
C001
10.0
10.2
10.4
10.6
10.8
11.0
11.2
11.4
11.6
11.8
12.0
-40
0
25
85
125
Temperature (
ƒC)
C002
MSB
MSB
LSB
LSB
1
16
15
X
4
3
2
SCLK
SDI
SDO
Receive
latch Points
SCS
DRV8303
SLOS846B – SEPTEMBER 2013 – REVISED NOVEMBER 2015
www.ti.com
Figure 2. SPI Slave Mode Timing Diagram
6.9 Typical Characteristics
Figure 4. GVDD vs Temperature (PVDD = 8 V, EN_GATE =
Figure 3. IPVDD1 vs Temperature (PVDD = 8 V, EN_GATE =
HIGH)
LOW)
Figure 5. GVDD vs Temperature (PVDD = 60 V, EN_GATE = HIGH)
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DRV8303


Similar Part No. - DRV8303_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8303DCA TI1-DRV8303DCA Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303DCA TI1-DRV8303DCA Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303DCA TI1-DRV8303DCA Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303DCAR TI1-DRV8303DCAR Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303DCAR TI1-DRV8303DCAR Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
More results

Similar Description - DRV8303_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Texas Instruments
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com