Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8301DCA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8301DCA
Description  Three-Phase Gate Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8301DCA Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8301DCA Datasheet HTML 2Page - Texas Instruments DRV8301DCA Datasheet HTML 3Page - Texas Instruments DRV8301DCA Datasheet HTML 4Page - Texas Instruments DRV8301DCA Datasheet HTML 5Page - Texas Instruments DRV8301DCA Datasheet HTML 6Page - Texas Instruments DRV8301DCA Datasheet HTML 7Page - Texas Instruments DRV8301DCA Datasheet HTML 8Page - Texas Instruments DRV8301DCA Datasheet HTML 9Page - Texas Instruments DRV8301DCA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
DRV8301
SLOS719F – AUGUST 2011 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DRV8301
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
see
(1)
MIN
MAX
UNIT
VPVDD
Supply voltage
Relative to PGND
–0.3
65
V
Maximum supply voltage ramp rate
Voltage rising up to PVDDMAX
1
V/µS
VPGND
Maximum voltage between PGND and GND
–0.3
0.3
V
IIN_MAX
Maximum current for all digital and analog inputs (INH_A, INL_A, INH_B, INL_B,
INH_C, INL_C, SCLK, SCS, SDI, EN_GATE, DC_CAL, DTC)
–1
1
mA
ISINK_MAX
Maximum sinking current for open-drain pins (nFAULT and nOCTW Pins)
7
mA
VOPA_IN
Voltage for SPx and SNx pins
–0.6
0.6
V
VLOGIC
Input voltage range for logic/digital pins (INH_A, INL_A, INH_B, INL_B, INH_C,
INL_C, EN_GATE, SCLK, SDI, SCS, DC_CAL)
–0.3
7
V
VGVDD
Maximum voltage for GVDD pin
13.2
V
VAVDD
Maximum voltage for AVDD pin
8
V
VDVDD
Maximum voltage for DVDD pin
3.6
V
VVDD_SPI
Maximum voltage for VDD_SPI pin
7
V
VSDO
Maximum voltage for SDO pin
VDD_SPI + 0.3
V
VREF
Maximum reference voltage for current amplifier
7
V
IREF
Maximum current for REF pin
100
µA
TJ
Maximum operating junction temperature
–40
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500


Similar Part No. - DRV8301DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8301DCA TI-DRV8301DCA Datasheet
387Kb / 26P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301DCA TI1-DRV8301DCA Datasheet
356Kb / 26P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301DCAR TI-DRV8301DCAR Datasheet
387Kb / 26P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301DCAR TI1-DRV8301DCAR Datasheet
356Kb / 26P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
More results

Similar Description - DRV8301DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Texas Instruments
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com