Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH395320480DCNSWNTHLWC Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # JH395320480DCNSWNTHLWC
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH395320480DCNSWNTHLWC Datasheet(HTML) 4 Page - Jewel Hill Electronic

  JH395320480DCNSWNTHLWC Datasheet HTML 1Page - Jewel Hill Electronic JH395320480DCNSWNTHLWC Datasheet HTML 2Page - Jewel Hill Electronic JH395320480DCNSWNTHLWC Datasheet HTML 3Page - Jewel Hill Electronic JH395320480DCNSWNTHLWC Datasheet HTML 4Page - Jewel Hill Electronic JH395320480DCNSWNTHLWC Datasheet HTML 5Page - Jewel Hill Electronic JH395320480DCNSWNTHLWC Datasheet HTML 6Page - Jewel Hill Electronic JH395320480DCNSWNTHLWC Datasheet HTML 7Page - Jewel Hill Electronic JH395320480DCNSWNTHLWC Datasheet HTML 8Page - Jewel Hill Electronic JH395320480DCNSWNTHLWC Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
JH395320480D
VER: 1.0
- 3 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL DESCRIPTION.
The JH395320480D model is a Color TFT LCD. This main Module has a 3.95inch
diagonally measured active display area with 320(RGB)×480 resolution. Each pixel is
divided into Red, Green and Blue sub-pixels and dots which are arranged in vertical stripes.
The LCD color is determined with 262,000 colors signal for each pixel.
The JH395320480D has been designed to apply the interface method that enables low
power, high speed, and high contrast.
The JH395320480D is intended to support applications where thin thickness, wide
viewing angle and low power are critical factors and graphic displays are important.
2. GENERAL FEATURES.
Item
Display Panel
Remark
Display Mode
Normally White, Transmissive LCD
Viewing Direction
12 O’Clock
Input Signals
16BIT
Outside Dimensions
60.88(W)*94.57(H)*2.28(T)
Effective Area
-
Active Area
55.68mm(W)×83.52mm(H)
Number of Pixels
320×RGB×480Pixels
Pixel Pitch
0.174mm(H)×0.174mm(W)
Pixel Arrangement
RGB Vertical stripes
Drive IC
ILI9486L
3.Absolute Maximum Ratings
The following are maximum values which, if exceeded may cause operation or damage to
the unit.
ITEM
Symbol
Min.
Typ.
Max.
Unit
Remark
Power for Circuit Driving
VDD
-0.3
-
3.3
V
Power for Circuit Logic
VCI
-0.3
-
4.6
V
LC Operating Voltage *1)
Vop
-
V
25.6
VBBBBBBBBBfBBBBBBBBB
3.0
3.2
3.4
V
LED Forward Current
If
110
120
130
mA
LED Luminance
BBBBBBBBBBPBBBBBBBBB
4000
-
-
cd/mPPPPPPPPP2PPPPPPPPPPPPPPPPPPPPPPP
Storage Humidity
HBBBBBBBBBSTBBBBBBBBB
10
-
90
%RH
Storage Temperature
T
BBBBBBBBB
ST
BBBBBBBBB
-30
-
80
Operating Ambient Humidity
H
BBBBBBBBB
OP
BBBBBBBBB
10
-
90
%RH
Operating Ambient temperature
T
BBBBBBBBB
OP
BBBBBBBBB
-20
-
70
At
25±5℃


Similar Part No. - JH395320480DCNSWNTHLWC

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH395320480A JHE-JH395320480A Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH395320480ACNDMNFFCWC JHE-JH395320480ACNDMNFFCWC Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH395320480ACNDMNFFCWN JHE-JH395320480ACNDMNFFCWN Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH395320480ACNDMNFFEWC JHE-JH395320480ACNDMNFFEWC Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH395320480ACNDMNFFEWN JHE-JH395320480ACNDMNFFEWN Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH395320480DCNSWNTHLWC

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com