Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV40100F Datasheet(PDF) 7 Page - Cree, Inc

Part # CGHV40100F
Description  100 W, DC - 4.0 GHz, 50 V, GaN HEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV40100F Datasheet(HTML) 7 Page - Cree, Inc

Back Button CGHV40100F Datasheet HTML 3Page - Cree, Inc CGHV40100F Datasheet HTML 4Page - Cree, Inc CGHV40100F Datasheet HTML 5Page - Cree, Inc CGHV40100F Datasheet HTML 6Page - Cree, Inc CGHV40100F Datasheet HTML 7Page - Cree, Inc CGHV40100F Datasheet HTML 8Page - Cree, Inc CGHV40100F Datasheet HTML 9Page - Cree, Inc CGHV40100F Datasheet HTML 10Page - Cree, Inc CGHV40100F Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
CGHV40100 Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.CREE
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2014-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGHV40100-AMP Application Circuit Bill of Materials
Designator
Description
Qty
C1, C13, C15
CAP, 39 pF, ± 0.1 pF, 250V, 0805, ATC600F
3
C2
CAP, 7.5 pF, ± 0.1 pF, 250 V, 0806, ATC600F
1
C3
CAP, 3 pF ± 0.1 pF, 250 V, 0805, ATC600F
1
C4, C5
CAP, 1.5 pF, ± 0.1 pF, 250 V, 0805, ATC600F
2
C7
CAP, 33000 pF, 0805 100V, X7R
1
C6, C14
CAP, 240 pF, ± 0.5 pF, 250 V, 0805, ATC600F
2
C8
CAP, 10 UF, 16V TANTALUM, 2312
1
C9, C10
CAP, 1 pF, ± 0.1 pF, 250 V, 0805, ATC600F
2
C11, C12
CAP, 0.5 pF, ± 0.1 pF, 250 V, 0805, ATC600F
2
C16
CAP, 100 UF, 20%, 160 V, ELEC
1
R1
RES, 24 OHMS, IMS ND3-1005CS24R0G
1
R2
RED, 100 OHMS, IMS ND3-0805EW1000G
1
R3
RES, 3.9 OHMS, 0805
1
J1, J2
CONN, SMA, PANEL MOUNT JACK
2
J3
HEADER RT>PLZ .1CEN LK 9POS
1
BASEPLATE, CGH35120
1
PCB, RO4350B, 2.5” X 4” X 0.020”, CGHV40100F
1
CGHV40100-AMP Demonstration Amplifier Circuit


Similar Part No. - CGHV40100F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV40100 WOLFSPEED-CGHV40100 Datasheet
2Mb / 16P
   100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13
More results

Similar Description - CGHV40100F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
logo
Cree, Inc
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV40100 WOLFSPEED-CGHV40100 Datasheet
2Mb / 16P
   100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13
logo
Cree, Inc
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
CGHV40180F WOLFSPEED-CGHV40180F Datasheet
2Mb / 16P
   180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-30
CGHV40180P WOLFSPEED-CGHV40180P Datasheet
713Kb / 11P
   180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev 1.3 - April 2020
CG2H30070F WOLFSPEED-CG2H30070F Datasheet
1Mb / 13P
   70 W, DC - 4.0 GHz, 28 V, RF Power GaN HEMT
Rev 3.1 - April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com