Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV40030 Datasheet(PDF) 7 Page - Cree, Inc

Part # CGHV40030
Description  30 W, DC - 6 GHz, 50V, GaN HEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV40030 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CGHV40030 Datasheet HTML 3Page - Cree, Inc CGHV40030 Datasheet HTML 4Page - Cree, Inc CGHV40030 Datasheet HTML 5Page - Cree, Inc CGHV40030 Datasheet HTML 6Page - Cree, Inc CGHV40030 Datasheet HTML 7Page - Cree, Inc CGHV40030 Datasheet HTML 8Page - Cree, Inc CGHV40030 Datasheet HTML 9Page - Cree, Inc CGHV40030 Datasheet HTML 10Page - Cree, Inc CGHV40030 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
CGHV40030 Rev 1.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2014-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGHV40030-AMP Application Circuit Schematic
CGHV40030-AMP Application Circuit Outline


Similar Part No. - CGHV40030

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
More results

Similar Description - CGHV40030

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
logo
Cree, Inc
CGHV27030S CREE-CGHV27030S Datasheet
3Mb / 28P
   30 W, DC - 6.0 GHz, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27030S WOLFSPEED-CGHV27030S Datasheet
5Mb / 27P
   30 W, DC - 6.0 GHz, GaN HEMT
Rev. 6.0, 2022-7-14
logo
Cree, Inc
CGHV1F006S CREE-CGHV1F006S Datasheet
5Mb / 22P
   6 W, DC - 18 GHz, 40V, GaN HEMT
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
logo
Cree, Inc
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
CG2H40010 CREE-CG2H40010 Datasheet
2Mb / 14P
   10 W, DC - 6 GHz, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGHV1F006S WOLFSPEED-CGHV1F006S Datasheet
3Mb / 22P
   6 W, DC - 15 GHz, 40 V, GaN HEMT
Rev. 6.0, 2022-8-3
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
   35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com