Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV35150 Datasheet(PDF) 7 Page - Cree, Inc

Part # CGHV35150
Description  150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV35150 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CGHV35150 Datasheet HTML 2Page - Cree, Inc CGHV35150 Datasheet HTML 3Page - Cree, Inc CGHV35150 Datasheet HTML 4Page - Cree, Inc CGHV35150 Datasheet HTML 5Page - Cree, Inc CGHV35150 Datasheet HTML 6Page - Cree, Inc CGHV35150 Datasheet HTML 7Page - Cree, Inc CGHV35150 Datasheet HTML 8Page - Cree, Inc CGHV35150 Datasheet HTML 9Page - Cree, Inc CGHV35150 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
CGHV35150 Rev 1.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2014-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Product Dimensions CGHV35150F (Package Type — 440193)
Product Dimensions CGHV35150P (Package Type — 440206)


Similar Part No. - CGHV35150

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV35150 WOLFSPEED-CGHV35150 Datasheet
1Mb / 10P
   150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev.1.4, 2022-12-2
More results

Similar Description - CGHV35150

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV35150 WOLFSPEED-CGHV35150 Datasheet
1Mb / 10P
   150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev.1.4, 2022-12-2
logo
Cree, Inc
CGHV37400F CREE-CGHV37400F Datasheet
815Kb / 11P
   400 W, 3500 - 3700 MHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
CGHV35060MP CREE-CGHV35060MP_16 Datasheet
1Mb / 8P
   60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
CGHV35060MP CREE-CGHV35060MP Datasheet
573Kb / 6P
   60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
CGHV14500 CREE-CGHV14500 Datasheet
1Mb / 11P
   500 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
logo
WOLFSPEED, INC.
CGHV14500 WOLFSPEED-CGHV14500 Datasheet
3Mb / 20P
   500 W, DC - 1800 MHz, GaN HEMT for L-Band Radar Systems
Rev. 5.0, 2022-7-27
logo
Cree, Inc
CGHV14250 CREE-CGHV14250 Datasheet
1Mb / 11P
   250 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
CGHV14800 CREE-CGHV14800 Datasheet
765Kb / 9P
   800 W, 1200 - 1400 MHz, 50 V, GaN HEMT for L-Band Radar Systems
logo
WOLFSPEED, INC.
CGHV35120F WOLFSPEED-CGHV35120F Datasheet
837Kb / 12P
   120 W, 2.9 - 3.8 GHz, 50 V, GaN HEMT for S-Band Radar Systems
Rev. 1.0, 2022-8-3
CGHV14250 WOLFSPEED-CGHV14250 Datasheet
1Mb / 12P
   250 W, DC - 1.6 GHz, GaN HEMT for L-Band Radar Systems
Rev. 3.0, 2022-9-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com