Electronic Components Datasheet Search |
|
EL2321-A1K Datasheet(PDF) 2 Page - Axiomtek Co., Ltd. |
|
EL2321-A1K Datasheet(HTML) 2 Page - Axiomtek Co., Ltd. |
2 / 4 page EL2321 Series www.EtherWAN.com 2 rev. A2.1 Hardware Specifications Technology Standards •IEEE802.3 10BASE-T •IEEE802.3u 100BASE-TX/100BASE-FX •IEEE802.3ab 1000BASE-T •IEEE802.3z 1000BASE-SX/1000BASE-LX •IEEE802.3x Full duplex and flow control ForwardandFilteringRate •14,880pps for 10Mbps •148,810pps for 100Mbps •1,488,100pps for 1000Mbps ProcessingType •Store-and-Forward •Auto Negotiation •Half duplex back-pressure and IEEE802.3x full-duplex flow control •Auto-MDI/MDIX PowerInput •Input Voltage: 12VDC PowerConsumption •3W Max. 0.23A @ 12VDC Mechanical Casing •Metal Case •IP30 Dimensions •80.3mm (W) x 109.2mm (D) x 23.8mm (H) (3.16" (W) x 4.3" (D) x 0.94" (H)) Weight •150g (0.336lbs.) Installation •Wall mounting Interface EthernetPort •10/100/1000BASE-TX: 1 port •100BASE/1000BASE-SX-LX or 100/1000BASE SFP slot: 1 port LEDIndicators •Per Unit: Power Status, OAM loop •Per Port: TX Speed, Link/Activity, Full-duplex Environment OperatingTemperature •0°C to 50°C (32°F to 121°F) StorageTemperature •-20°C to 70°C (-4°F to 158°F) AmbientRelativeHumidity •5% to 95% (non-condensing) RegulatoryApprovals ISO •Manufactured in an ISO9001 facility EmissionCompliances CEMarkClassA FCCPart15BClassA VCCIClassA Software Features Management • Interface ◦ Web Browser ◦ SNMP v1/v2c • Firmware and configuration upgrade and backup via TFTP • Supports DHCP Server/Client Security • MAC Address by port security • Enable/disable port • Storm control (broadcast and multicast types) • IEEE802.1x LAN access control • SSL for web security QualityofService(QoS) • Priority Queues: 4 queues per port • Traffic classification based on IEEE802.1p CoS, DSCP, WRR (Weighted round robin) • Rate Limiting (Ingress/Egress) Layer2Features • Auto-negotiation for port speed and duplex mode • Flow Control ◦ IEEE802.3x full duplex mode ◦ Back-Pressure half duplex mode • VLANs ◦ Port-based VLANs ◦ IEEE802.1Q Tag VLANs (4096 VID) ◦ GVRP (GARP VLAN Registration Protocol) ◦ GMRP (GARP Multicast Registration Protocol) • IGMP Snooping ◦ IGMP snooping v1/v2/v3 |
Similar Part No. - EL2321-A1K |
|
Similar Description - EL2321-A1K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |