Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV27030S-AMP2 Datasheet(PDF) 1 Page - Cree, Inc

Part # CGHV27030S-AMP2
Description  30 W, DC - 6.0 GHz, GaN HEMT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV27030S-AMP2 Datasheet(HTML) 1 Page - Cree, Inc

  CGHV27030S-AMP2 Datasheet HTML 1Page - Cree, Inc CGHV27030S-AMP2 Datasheet HTML 2Page - Cree, Inc CGHV27030S-AMP2 Datasheet HTML 3Page - Cree, Inc CGHV27030S-AMP2 Datasheet HTML 4Page - Cree, Inc CGHV27030S-AMP2 Datasheet HTML 5Page - Cree, Inc CGHV27030S-AMP2 Datasheet HTML 6Page - Cree, Inc CGHV27030S-AMP2 Datasheet HTML 7Page - Cree, Inc CGHV27030S-AMP2 Datasheet HTML 8Page - Cree, Inc CGHV27030S-AMP2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
Subject to change without notice.
www.cree.com/RF
CGHV27030S
30 W, DC - 6.0 GHz, GaN HEMT
T
heCGHV27030Sisanunmatched,galliumnitride(GaN)highelectronmobilitytransistor(HEMT)
which offers high efficiency, high gain and wide bandwidth capabilities. The CGHV27030S GaN
HEMT devices are ideal for telecommunications applications with frequencies of 700-960
MHz, 1200-1400 MHz, 1800-2200 MHz, 2500-2700 MHz, and 3300-3700 MHz at both 50 V
and 28 V operations. The CGHV27030S is also ideal for tactical communications applications
operating from 20-2500 MHz, including land mobile radios. Additional applications include L-Band
RADAR and S-Band RADAR. The CGHV27030S can operate with either a 50 V or 28 V rail. The transistor is available in a
3mm x 4mm, surface mount, dual-flat-no-lead (DFN) package.
Features for 50 V in CGHV27030S-AMP1
2.5 - 2.7 GHz Operation
30 W Typical Output Power
21 dB Gain at 5 W P
AVE
-36 dBc ACLR at 5 W P
AVE
32% efficiency at 5 W P
AVE
High degree of APD and DPD correction can be applied
Typical Performance 2.5-2.7 GHz (T
C = 25˚C) , 50 V
Parameter
2.5 GHz
2.6 GHz
2.7 GHz
Units
Small Signal Gain
23.0
22.0
21.4
dB
Adjacent Channel Power @ P
OUT =5 W
-34.5
-36.5
-37.0
dBc
Drain Efficiency @ P
OUT = 5 W
29.5
31.5
32.9
%
Input Return Loss
13.4
9.5
10.4
dB
Note:
Measured in the CGHV27030S-AMP1 application circuit, under 7.5 dB PAR single carrier WCDMA signal test model 1 with 64 DPCH.
Listing of Available Hardware Application Circuits / Demonstration Circuits
Application Circuit
Operating Frequency
Amplifier Class
Operating Voltage
CGHV27030S-AMP1
2.5 - 2.7 GHz
Class A/B
50 V
CGHV27030S-AMP2
2.5 - 2.7 GHz
Class A/B
28 V
CGHV27030S-AMP3
1.8 - 2.2 GHz
Class A/B
28 V
CGHV27030S-AMP4
1.8 - 2.2 GHz
Class A/B
50 V
CGHV27030S-AMP5
1.2 - 1.4 GHz
Class A/B
50 V
Package Type: 3x4 DFN
PN: CGHV27030S


Similar Part No. - CGHV27030S-AMP2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV27030S WOLFSPEED-CGHV27030S Datasheet
5Mb / 27P
   30 W, DC - 6.0 GHz, GaN HEMT
Rev. 6.0, 2022-7-14
More results

Similar Description - CGHV27030S-AMP2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV27030S WOLFSPEED-CGHV27030S Datasheet
5Mb / 27P
   30 W, DC - 6.0 GHz, GaN HEMT
Rev. 6.0, 2022-7-14
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
CGH60030D WOLFSPEED-CGH60030D Datasheet
1Mb / 9P
   30 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
logo
Cree, Inc
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
CGH60030D CREE-CGH60030D Datasheet
622Kb / 8P
   30 W, 6.0 GHz, GaN HEMT Die
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
logo
Cree, Inc
CGH60060D CREE-CGH60060D Datasheet
618Kb / 7P
   60 W, 6.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CGH60008D WOLFSPEED-CGH60008D Datasheet
977Kb / 9P
   8 W, 6.0 GHz, GaN HEMT Die
Rev. 1.2, 2022-11-23
CGH60015D WOLFSPEED-CGH60015D Datasheet
980Kb / 9P
   15 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com