Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV22100-TB Datasheet(PDF) 1 Page - Cree, Inc

Part # CGHV22100-TB
Description  100 W, 1800-2200 MHz, GaN HEMT for LTE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV22100-TB Datasheet(HTML) 1 Page - Cree, Inc

  CGHV22100-TB Datasheet HTML 1Page - Cree, Inc CGHV22100-TB Datasheet HTML 2Page - Cree, Inc CGHV22100-TB Datasheet HTML 3Page - Cree, Inc CGHV22100-TB Datasheet HTML 4Page - Cree, Inc CGHV22100-TB Datasheet HTML 5Page - Cree, Inc CGHV22100-TB Datasheet HTML 6Page - Cree, Inc CGHV22100-TB Datasheet HTML 7Page - Cree, Inc CGHV22100-TB Datasheet HTML 8Page - Cree, Inc CGHV22100-TB Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Subject to change without notice.
www.cree.com/rf
CGHV22100
100 W, 1800-2200 MHz, GaN HEMT for LTE
Cree’s CGHV22100 is a gallium nitride (GaN) high electron mobility transistor (HEMT)
is designed specifically for high efficiency, high gain and wide bandwidth capabilities,
which makes the CGHV22100 ideal for 1.8 - 2.2 GHz LTE, 4G Telecom and BWA
amplifier applications. The transistor is input matched and supplied in a ceramic/
metal flange package.
Package Type: 440162 and 440161
PN: CGHV22100F and CGHV22100P
Features
• 1.8 - 2.2 GHz Operation
• 20 dB Gain
• -35 dBc ACLR at 25 W P
AVE
• 31-35 % Efficiency at 25 W P
AVE
• High Degree of DPD Correction Can be Applied
Typical Performance Over 1.8 - 2.2 GHz (T
C = 25˚C) of Demonstration Amplifier
Parameter
1.8 GHz
2.0 GHz
2.2 GHz
Units
Gain @ 44 dBm
18.7
20.7
22.0
dB
ACLR @ 44 dBm
-37.8
-37.1
-35.1
dBc
Drain Efficiency @ 44 dBm
35.4
31.7
30.6
%
Note:
Measured in the CGHV22100-AMP amplifier circuit, under WCDMA 3GPP test model 1, 64 DPCH, 45% clipping,
PAR = 7.5 dB @ 0.01% Probability on CCDF.


Similar Part No. - CGHV22100-TB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV22200 CREE-CGHV22200 Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22200-TB CREE-CGHV22200-TB Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22200F CREE-CGHV22200F Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22200F-AMP CREE-CGHV22200F-AMP Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22200P CREE-CGHV22200P Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
More results

Similar Description - CGHV22100-TB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV22200 CREE-CGHV22200 Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
CGH21240F CREE-CGH21240F Datasheet
1Mb / 15P
   240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
CGH21120F CREE-CGH21120F Datasheet
1Mb / 13P
   120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
CGHV27100 CREE-CGHV27100 Datasheet
1Mb / 11P
   100 W, 2500-2700 MHz, 50 V, GaN HEMT for LTE
CGHV27200 CREE-CGHV27200_15 Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27200 CREE-CGHV27200 Datasheet
696Kb / 11P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
logo
WOLFSPEED, INC.
CGHV14500 WOLFSPEED-CGHV14500 Datasheet
3Mb / 20P
   500 W, DC - 1800 MHz, GaN HEMT for L-Band Radar Systems
Rev. 5.0, 2022-7-27
CGH25120F WOLFSPEED-CGH25120F Datasheet
3Mb / 12P
   120 W, 2.3-2.7 GHz, GaN HEMT for WiMAX and LTE
Rev. 3.4, 10-20-2022
logo
NXP Semiconductors
A2G22S160-01SR3 NXP-A2G22S160-01SR3 Datasheet
761Kb / 18P
   1800–2200 MHz, 32 W AVG., 48 V AIRFAST RF POWER GaN TRANSISTOR
Rev. 1, 01/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com