Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV22100F Datasheet(PDF) 11 Page - Cree, Inc

Part # CGHV22100F
Description  100 W, 1800-2200 MHz, GaN HEMT for LTE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV22100F Datasheet(HTML) 11 Page - Cree, Inc

Back Button CGHV22100F Datasheet HTML 3Page - Cree, Inc CGHV22100F Datasheet HTML 4Page - Cree, Inc CGHV22100F Datasheet HTML 5Page - Cree, Inc CGHV22100F Datasheet HTML 6Page - Cree, Inc CGHV22100F Datasheet HTML 7Page - Cree, Inc CGHV22100F Datasheet HTML 8Page - Cree, Inc CGHV22100F Datasheet HTML 9Page - Cree, Inc CGHV22100F Datasheet HTML 10Page - Cree, Inc CGHV22100F Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
CGHV22100 Rev 2.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2014-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Disclaimer
Specifications are subject to change without notice. Cree, Inc. believes the information contained within this data sheet to be accurate
and reliable. However, no responsibility is assumed by Cree for any infringement of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any patent or patent rights of Cree. Cree makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose. “Typical” parameters are the average
values expected by Cree in large quantities and are provided for information purposes only. These values can and do vary in different
applications and actual performance can vary over time. All operating parameters should be validated by customer’s technical experts
for each application. Cree products are not designed, intended or authorized for use as components in applications intended for surgical
implant into the body or to support or sustain life, in applications in which the failure of the Cree product could result in personal injury or
death or in applications for planning, construction, maintenance or direct operation of a nuclear facility.
For more information, please contact:
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
www.cree.com/rf
Sarah Miller
Marketing
Cree, RF Components
1.919.407.5302
Ryan Baker
Marketing & Sales
Cree, RF Components
1.919.407.7816
Tom Dekker
Sales Director
Cree, RF Components
1.919.407.5639


Similar Part No. - CGHV22100F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV22200 CREE-CGHV22200 Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22200-TB CREE-CGHV22200-TB Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22200F CREE-CGHV22200F Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22200F-AMP CREE-CGHV22200F-AMP Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22200P CREE-CGHV22200P Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
More results

Similar Description - CGHV22100F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV22200 CREE-CGHV22200 Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
CGH21240F CREE-CGH21240F Datasheet
1Mb / 15P
   240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
CGH21120F CREE-CGH21120F Datasheet
1Mb / 13P
   120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
CGHV27100 CREE-CGHV27100 Datasheet
1Mb / 11P
   100 W, 2500-2700 MHz, 50 V, GaN HEMT for LTE
CGHV27200 CREE-CGHV27200_15 Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27200 CREE-CGHV27200 Datasheet
696Kb / 11P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
logo
WOLFSPEED, INC.
CGHV14500 WOLFSPEED-CGHV14500 Datasheet
3Mb / 20P
   500 W, DC - 1800 MHz, GaN HEMT for L-Band Radar Systems
Rev. 5.0, 2022-7-27
CGH25120F WOLFSPEED-CGH25120F Datasheet
3Mb / 12P
   120 W, 2.3-2.7 GHz, GaN HEMT for WiMAX and LTE
Rev. 3.4, 10-20-2022
logo
NXP Semiconductors
A2G22S160-01SR3 NXP-A2G22S160-01SR3 Datasheet
761Kb / 18P
   1800–2200 MHz, 32 W AVG., 48 V AIRFAST RF POWER GaN TRANSISTOR
Rev. 1, 01/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com