Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL9100-51B Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # EL9100-51B
Description  Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EL9100-51B Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  EL9100-51B Datasheet HTML 1Page - Axiomtek Co., Ltd. EL9100-51B Datasheet HTML 2Page - Axiomtek Co., Ltd. EL9100-51B Datasheet HTML 3Page - Axiomtek Co., Ltd. EL9100-51B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EL9100 Series
www.EtherWAN.com
3
rev. A1.1
Application Diagram
Max. distance up to 120km
Gigabit Switch
Telecommunication Room A
Telecommunication Room B
Gigabit Switch
EL9100 Series
EL9100 Series
1000BASE-SX/LX/BX fiber
Fiber-
optic
Cat.5
Ethernet
Dimensions
Front
Side
Bottom
Top
Back
50mm (1.97”)
110mm (4.33”)
-
-
Building-to-building application


Similar Part No. - EL9100-51B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EL9100 AXIOMTEK-EL9100_17 Datasheet
819Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
More results

Similar Description - EL9100-51B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EL9100 AXIOMTEK-EL9100_17 Datasheet
819Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
EL9000 AXIOMTEK-EL9000 Datasheet
564Kb / 4P
   Hardened 1000BASE-T to 1000BASE-SX/LX/BX Media Converter
logo
Glenair, Inc.
050_101 GLENAIR-050_101 Datasheet
260Kb / 4P
   1000BASE-T to 1000BASE-SX/LX media converter
050-103 GLENAIR-050-103 Datasheet
207Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
050-104 GLENAIR-050-104 Datasheet
264Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX
050_103 GLENAIR-050_103 Datasheet
207Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX10 Media Converter
logo
Axiomtek Co., Ltd.
EL9020 AXIOMTEK-EL9020 Datasheet
525Kb / 4P
   Hardened 10/100/1000BASE-TX to Gigabit SFP Media Converter
EL2242 AXIOMTEK-EL2242 Datasheet
228Kb / 3P
   Hardened PoE 10/100/1000BASE-T to 100/1000BASE Dual Rate Media Converter
logo
THOR communications
F-GET-TR THOR-F-GET-TR Datasheet
293Kb / 2P
   Gigabit 1000Base-T to SX/LX Converter
logo
Axiomtek Co., Ltd.
EL2321 AXIOMTEK-EL2321_17 Datasheet
779Kb / 4P
   Managed 10/100/1000BASE-TX to 100BASE/1000BASE-X Dual Rate Media Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com