Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1141-R0B Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # EL1141-R0B
Description  IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EL1141-R0B Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  EL1141-R0B Datasheet HTML 1Page - Axiomtek Co., Ltd. EL1141-R0B Datasheet HTML 2Page - Axiomtek Co., Ltd. EL1141-R0B Datasheet HTML 3Page - Axiomtek Co., Ltd. EL1141-R0B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EL1141 Series
www.EtherWAN.com
2
rev. A1.3
Environment
OperatingTemperature
•-40°C to 75°C (-40°F to 167°F)
Tested @ -40°C to 85°C (-40°F to 185°F)
StorageTemperature
•-40°C to 85°C (-40°F to 185°F)
AmbientRelativeHumidity
•5% to 95% (non-condensing)
RegulatoryApprovals
ISO
•Manufactured in an ISO9001 facility
Safety
UL508
EMI
FCCPart15B,ClassA
EN61000-6-4
EN55022
EN61000-3-2
EN61000-3-3
EMS
EN61000-6-2
•EN61000-4-2 (ESD Standards)
•EN61000-4-3 (Radiated RFI Standards)
•EN61000-4-4 (Burst Standards)
•EN61000-4-5 (Surge Standards)
•EN61000-4-6 (Induced RFI Standards)
•EN61000-4-8 (Magnetic Field Standards)
EnvironmentalTestCompliance
IEC60068-2-6Fc(VibrationResistance)
IEC60068-2-27Ea(Shock)
FEDSTD101CMethod5007.1(Freefallw/package)
EMS
IEC61850-3/IEEE1613
EN50121-4
NEMATS2
Hardware Specifications
Technology
Standards
•IEEE802.3 10BASE-T
•IEEE802.3u 100BASE-TX/FX
•IEEE802.3x Full duplex and flow control
ForwardandFilteringRate
•14,880pps for 10Mbps
•148,810pps for 100Mbps
PacketBufferMemory
•128K bits
ProcessingType
•Store-and-forward
•Auto Negotiation
•Half-duplex back-pressure and IEEE802.3x full-duplex flow
control
•Auto MDI/MDIX
Power
InputVoltage
•12 to 48VDC (Terminal Block)
•12VDC (DC Jack)
PowerConsumption
•2.4W MAX. 0.2A @ 12VDC, 0.05A @ 48VDC
Protection
•Overload current protection
•Reverse polarity protection
Mechanical
Casing
•Aluminum Case
•IP30
Dimensions
•50mm (W) x 110mm (D) x 135mm (H)
(1.97" (W) x 4.33" (D) x 5.31" (H))
Weight
•0.8Kg (1.76lbs.)
Installation
•DIN-Rail (Top hat type 35mm), Panel, or Rack mounting
Interface
EthernetPort
•10/100BASE-TX: 1 port
•100BASE-FX: 1 port
LEDIndicators
•Per Unit: Power 1, Power 2, Fault,
Link-Fault-Pass-Through
•Per port 10/100TX: Link/Activity, Full-duplex/Collision,
Speed
•Per port 100FX: Link/Activity, Full-duplex/Collision
RelayContact
•Relay contact rating with current 1A @ 30VDC,
0.5A @ 120VAC


Similar Part No. - EL1141-R0B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EL1141 AXIOMTEK-EL1141_17 Datasheet
696Kb / 4P
   IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX Media Converter
More results

Similar Description - EL1141-R0B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EL1141 AXIOMTEK-EL1141_17 Datasheet
696Kb / 4P
   IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX Media Converter
EL900 AXIOMTEK-EL900_17 Datasheet
835Kb / 4P
   Hardened 10/100BASE-TX to 100BASE-FX Media Converter
EL100 AXIOMTEK-EL100 Datasheet
542Kb / 3P
   10/100BASE-TX to 100BASE-FX Media Converter
EX47000 AXIOMTEK-EX47000 Datasheet
657Kb / 4P
   IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
logo
Level One
FVT-2002 LVL1-FVT-2002 Datasheet
650Kb / 4P
   10/100BASE-TX to 100BASE-FX MMF ST Converter,
logo
THOR communications
F-FE-TR THOR-F-FE-TR Datasheet
366Kb / 2P
   Enhanced 10/100Base-TX to 100Base-FX Media Converter
logo
Level One
FVT-2401 LVL1-FVT-2401 Datasheet
644Kb / 4P
   10/100BASE-TX to 100BASE-FX SMF SC Converter, 40km
FVT-2001 LVL1-FVT-2001 Datasheet
652Kb / 4P
   10/100BASE-TX to 100BASE-FX MMF SC Converter, 2km
FVT-2201 LVL1-FVT-2201 Datasheet
645Kb / 4P
   10/100BASE-TX to 100BASE-FX SMF SC Converter, 20km
logo
Broadcom Corporation.
BCM5220 BOARDCOM-BCM5220_05 Datasheet
1Mb / 90P
   10/100BASE-TX/FX Mini Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com