Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV1J070D Datasheet(PDF) 1 Page - Cree, Inc

Part # CGHV1J070D
Description  70 W, 18.0 GHz, GaN HEMT Die
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV1J070D Datasheet(HTML) 1 Page - Cree, Inc

  CGHV1J070D Datasheet HTML 1Page - Cree, Inc CGHV1J070D Datasheet HTML 2Page - Cree, Inc CGHV1J070D Datasheet HTML 3Page - Cree, Inc CGHV1J070D Datasheet HTML 4Page - Cree, Inc CGHV1J070D Datasheet HTML 5Page - Cree, Inc CGHV1J070D Datasheet HTML 6Page - Cree, Inc CGHV1J070D Datasheet HTML 7Page - Cree, Inc CGHV1J070D Datasheet HTML 8Page - Cree, Inc CGHV1J070D Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Subject to change without notice.
www.cree.com/rf
CGHV1J070D
70 W, 18.0 GHz, GaN HEMT Die
Cree’s CGHV1J070D is a high voltage gallium nitride (GaN) High
Electron Mobility Transistor (HEMT) on a silicon carbide substrate,
using a 0.25 μm gate length fabrication process. This GaN-on-SiC
product offers superior high frequency, high efficiency features. It is
ideal for a variety of applications operating from 10 MHz to 18 GHz at
40 V with a high breakdown voltage.
FEATURES
17 dB Typ. Small Signal Gain at 10 GHz
60% Typ. PAE at 10 GHz
70 W Typical Psat
40 V Operation
Up to 18GHz Operation
APPLICATIONS
• Satellite Communications
• PTP Communications Links
• Marine Radar
• Pleasure Craft Radar
• Port Vessel Traffic Services
• Broadband Amplifiers
• High Efficiency Amplifiers
Packaging Information
Bare die are shipped in Gel-Pak® containers or on tape.
Non-adhesive tacky membrane immobilizes die during
shipment.
PN: CGHV1J070D


Similar Part No. - CGHV1J070D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV1J070D WOLFSPEED-CGHV1J070D Datasheet
982Kb / 10P
   70 W, 18.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
More results

Similar Description - CGHV1J070D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV1J070D WOLFSPEED-CGHV1J070D Datasheet
982Kb / 10P
   70 W, 18.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
CGHV1J006D WOLFSPEED-CGHV1J006D Datasheet
868Kb / 9P
   6 W, 18.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
CGHV1J025D WOLFSPEED-CGHV1J025D Datasheet
1Mb / 10P
   25 W, 18.0 GHz, GaN HEMT Die
Rev. 2.2, 2022-12-2
logo
Cree, Inc
CGHV1J006D CREE-CGHV1J006D Datasheet
707Kb / 9P
   6 W, 18.0 GHz, GaN HEMT Die
CGHV1J025D CREE-CGHV1J025D Datasheet
763Kb / 9P
   25 W, 18.0 GHz, GaN HEMT Die
CGH60060D CREE-CGH60060D Datasheet
618Kb / 7P
   60 W, 6.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CGH60008D WOLFSPEED-CGH60008D Datasheet
977Kb / 9P
   8 W, 6.0 GHz, GaN HEMT Die
Rev. 1.2, 2022-11-23
CGH60015D WOLFSPEED-CGH60015D Datasheet
980Kb / 9P
   15 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
CGH60060D WOLFSPEED-CGH60060D Datasheet
1Mb / 8P
   60 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
CGH60120D WOLFSPEED-CGH60120D Datasheet
1Mb / 8P
   120 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com