Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE66CX1360PE Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SLE66CX1360PE
Description  Security & Chip Card ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX1360PE Datasheet(HTML) 9 Page - Infineon Technologies AG

  SLE66CX1360PE Datasheet HTML 1Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 2Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 3Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 4Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 5Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 6Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 7Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 8Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SLE 66CX1360PE
Preliminary - Short Product Information
9 / 9
02.04
Security features:
Since the very beginning, security is an integrated part of Infineons product development, as proved by
various certificates (ITSEC, CC, Proton, VISA, ZKA, Mondex). The so called “integral security concept” for
the 66P series ensures:
A secret storage of any confidential code, data and keys
Protection against side channel attacks such as: Simple Power Analysis (SPA) , Differential Power
Analysis (DPA),
Protection against Differential Fault Analysis (DFA), Electromagnetic Emanation Attack (EMA) and other
possible HW or SW attacks
Peripherals: The CRC module allows the easy generation of checksums according to ISO/IEC 3309 (16-Bit-
CRC). To minimize the overall power consumption, the chip card controller IC offers a sleep mode. The
UART supports the half-duplex transmission protocols T=0 and T=1 according to ISO/IEC 7816-3. All
relevant transmission parameters can be adjusted by software, as e.g. the clock division factor, direct/inverse
convention and the number of stop bits. Additionally, the I/O port can be driven by communication routines
realized in software.
The Advanced Crypto Engine (ACE) is equipped with its own RAM of 700 bytes and supports all of today
known public-key algorithms based on large integer modular arithmetic. It allows fast and efficient calculation
either in HW or supported by software of e.g. RSA operations and EC (Elliptic Curves) algorithms for key
lengths up to 2048-bit.
For all of it’s crypto controller using the ACE, Infineon offers a tailor made RSA 2048-bit library. This library is
a powerful multifunctional crypto library for the SLE 66CXxxP family. It provides arithmetic functions for easy
programming the Advanced Crypto Engine (ACE). In addition it provides a full implementation of RSA Sign,
Verify and Key generation including powerful SPA/DPA and DFA counter measures. It supports RSA up to
2048 bit key length. These RSA functionality has already been certified according to Common Criteria
EAL5+ on an existing crypto controller, the SLE66CX322P.
The HW-DES module supports symmetric crypto algorithms according to the Data Encryption Standard in
the Electronic Code Book Mode.
The random number generator (RNG) is able to supply the CPU with true random numbers on all conditions.
The advanced sensor concept includes various sensors for any kind of attack scenarios and even more
important a “Life Test ” for sensors.
As an important feature, the chip provides an on-chip security, which fulfills the strong security requirements
of a Common Criteria evaluation at an EAL5+ level.
In conclusion, the SLE 66CX1360PE fulfills all requirements of today's chip card applications, and is
especially designed for High End GSM and identification applications. In addition it offers a powerful platform
for multi application cards based on Multos, Java or WinSC and supports the migration to enhanced GSM
(incl. WAP), GPRS and UMTS value added services.
The SLE66CX1360PE integrates outstanding memory sizes, additional peripherals in combination with
enhanced performance and optimized power consumption on a minimized die size.


Similar Part No. - SLE66CX1360PE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CX160P INFINEON-SLE66CX160P Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-F7C INFINEON-SLE66CX160P-F7C Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-F7M5 INFINEON-SLE66CX160P-F7M5 Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-T85C INFINEON-SLE66CX160P-T85C Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-T85M5 INFINEON-SLE66CX160P-T85M5 Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
More results

Similar Description - SLE66CX1360PE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com