Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE66CX1360PE Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SLE66CX1360PE
Description  Security & Chip Card ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX1360PE Datasheet(HTML) 8 Page - Infineon Technologies AG

  SLE66CX1360PE Datasheet HTML 1Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 2Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 3Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 4Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 5Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 6Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 7Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 8Page - Infineon Technologies AG SLE66CX1360PE Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SLE 66CX1360PE
Preliminary - Short Product Information
8 / 9
02.04
General Description
The SLE66CX1360PE is another member of the improved 66PE-series of Infineon Technologies. This high
performance security crypto controller is manufactured in advanced 0.22 µm CMOS technology. It is
downward compatible to existing 66P controller derivatives. The well known ECO2000 8/16 bit CPU provides
the high efficiency of the SAB 8051 instruction set extended by additional powerful instructions together with
enhanced performance, memory sizes and security features compared to existing 66P derivatives.
Performance: The internal clock frequency can be adjusted to a level up to 33 MHz either as a multiple of
1,2,3,4 to the external frequency or independent of the clock rate of the terminal with the help of the internal
clock. It is adjustable according to either available power requirements or required performance:
Increased internal clock frequency for maximum performance, e.g. for high performance with max.
frequency in payment applications or crypto operations.
Automatically adjusted frequency for a max. given power consumption, e.g. by GSM or UMTS
requirements.
Memory: The SLE66CX1360PE offers 308 Kbytes of User-ROM, 256 byte internal RAM, 6144 byte XRAM
and 136 Kbytes MicroSlim-EEPROM, to fulfill the increased requirements of GSM and UMTS applications.
The large ROM size allows to place applications in the ROM-mask and to keep the E²PROM free for
customer data. In addition it saves mask development costs, as one mask may be used for different
customer projects. 136 Kbyte of EEPROM thus allows to include SIM Application Toolkit, Wireless
Application Protocol (WAP), WML-Browser and JavaCard API implementations into the NVM.
The enhanced Memory Management and Protection Unit allows a secure separation of the operating system
and different applications. It allows to separate the memories in application orientated segments, which can
be controlled by the OS. Furthermore, the MMU makes a secure downloading of applications possible even
after personalization of a card. These new features suit the requirements of the next generation of multi
application operating systems.
Advanced
Crypto Engine
DES
Accelerator
EEPROM
136
Kbyte
XRAM
6 Kbyte
ROM
308 Kbyte
16-Bit CPU with
MMU
&
ECO 2000
Instruction Set
Voltage
Clock
Reset
Sleep Mode Logic
Sensors/Filters
Voltage Regulator
Address-/Data Bus
two
16-bit
Timer
Interrupt
CRC
Random
Number
Generator
UART
Clock
generated
Figure 2: Block Diagram SLE 66CX1360PE
The new platform is designed to address up to 16 Mbyte. However this feature is only available upon request
and will clearly require a change in the existing tool environment.
In addition, new instructions have been implemented in the design for an efficient direct access of physical
memory >64Kbyte up to 16 Mbyte.
New


Similar Part No. - SLE66CX1360PE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CX160P INFINEON-SLE66CX160P Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-F7C INFINEON-SLE66CX160P-F7C Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-F7M5 INFINEON-SLE66CX160P-F7M5 Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-T85C INFINEON-SLE66CX160P-T85C Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-T85M5 INFINEON-SLE66CX160P-T85M5 Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
More results

Similar Description - SLE66CX1360PE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com