Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE66CX322PC Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SLE66CX322PC
Description  Security & Chip Card ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX322PC Datasheet(HTML) 8 Page - Infineon Technologies AG

  SLE66CX322PC Datasheet HTML 1Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 2Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 3Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 4Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 5Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 6Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 7Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 8Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SLE 66CX322P
Short Product Information
8 / 10
11.02
General Description
SLE 66CX322P is a member of Infineon Technologies high end security controller family in
advanced 0.22 µm CMOS technology. The CPU provides the high efficiency of the SAB 8051
instruction set extended by additional powerful instructions together with enhanced performance,
memory sizes and security features. The internal clock frequency can be adjusted up to 15 MHz
independent of the clock rate of the terminal with the help of the PLL.
The controller IC offers 134 Kbytes of User-ROM, 256 byte internal RAM, 4096 byte XRAM and
32 Kbytes Superslim-EEPROM. The Memory Management and Protection Unit allows a secure
separation of the operating system and the applications. Furthermore the MMU makes a secure
downloading of applications possible after the personalization of a card. These new features suit
the requirements of the next generation of multi application operating systems. For code
compatibility to the SLE 66CxxS family, a transparent mode for the MMU is established which
allows to keep the memory mapping of the SLE 66CxxS products.
Advanced
Crypto Engine
DES-EC2
Accelerator
EEPROM
32 Kbyte
XRAM
4 Kbyte
ROM
136 Kbyte
16-Bit CPU with
MMU
&
ECO 2000
Instruction Set
Voltage
Clock
Reset
Sleep Mode Logic
Sensors/Filters
Voltage Regulator
Address-/Data Bus
two
16-bit
Timer
Interrupt
CRC
Random
Number
Generator
UART
PLL
Figure 2: Block Diagram SLE 66CX322P
The CRC module allows the easy generation of checksums according to ISO/IEC 3309 (16-Bit-
CRC). To minimize the overall power consumption, the chip card controller IC offers a sleep mode.
The UART supports the half-duplex transmission protocols T=0 and T=1 according to ISO/IEC
7816-3. All relevant transmission parameters can be adjusted by software, as e.g. the clock
division factor, direct/inverse convention and the number of stop bits. Additionally, the I/O port can
be driven by communication routines realized in software.
The Advanced Crypto Engine is equipped with its own RAM of 700 bytes and supports all of today
known public-key algorithms based on large integer modular arithmetic. It allows fast and efficient
calculation of e.g. RSA operations with key lengths up to 2048 bit.
The DDES-EC2 accelerator consists of two modules. The DES module supports symmetrical
crypto algorithms according to the Data Encryption Standard in the Electronic Code Book Mode.
The EC2 module accelerates the multiplication in GF(2
n) and therefore the operations for elliptic
curve cryptography.
The random number generator (RNG) is able to supply the CPU with true random numbers on all
conditions.
As an important feature, the chip provides a new and enhanced level of on-chip security. The chip
is certified according to the Common Criteria evaluation at an EAL5 level.


Similar Part No. - SLE66CX322PC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CX320P INFINEON-SLE66CX320P Datasheet
39Kb / 9P
   Security & Chip Card ICs
Version 08.01
SLE66CX320P-F7C INFINEON-SLE66CX320P-F7C Datasheet
39Kb / 9P
   Security & Chip Card ICs
Version 08.01
SLE66CX320P-F7M4 INFINEON-SLE66CX320P-F7M4 Datasheet
39Kb / 9P
   Security & Chip Card ICs
Version 08.01
SLE66CX320P-T85C INFINEON-SLE66CX320P-T85C Datasheet
39Kb / 9P
   Security & Chip Card ICs
Version 08.01
SLE66CX320P-T85M4 INFINEON-SLE66CX320P-T85M4 Datasheet
39Kb / 9P
   Security & Chip Card ICs
Version 08.01
More results

Similar Description - SLE66CX322PC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com