Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH55030P2 Datasheet(PDF) 10 Page - Cree, Inc

Part # CGH55030P2
Description  25 W, C-band, Unmatched, GaN HEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH55030P2 Datasheet(HTML) 10 Page - Cree, Inc

Back Button CGH55030P2 Datasheet HTML 2Page - Cree, Inc CGH55030P2 Datasheet HTML 3Page - Cree, Inc CGH55030P2 Datasheet HTML 4Page - Cree, Inc CGH55030P2 Datasheet HTML 5Page - Cree, Inc CGH55030P2 Datasheet HTML 6Page - Cree, Inc CGH55030P2 Datasheet HTML 7Page - Cree, Inc CGH55030P2 Datasheet HTML 8Page - Cree, Inc CGH55030P2 Datasheet HTML 9Page - Cree, Inc CGH55030P2 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
CGH55030F2_P2 Rev 3.2
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/wireless
Copyright © 2008-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Disclaimer
Specifications are subject to change without notice. Cree, Inc. believes the information contained within this data sheet
to be accurate and reliable. However, no responsibility is assumed by Cree for any infringement of patents or other
rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent
or patent rights of Cree. Cree makes no warranty, representation or guarantee regarding the suitability of its products
for any particular purpose. “Typical” parameters are the average values expected by Cree in large quantities and are
provided for information purposes only. These values can and do vary in different applications and actual performance
can vary over time. All operating parameters should be validated by customer’s technical experts for each application.
Cree products are not designed, intended or authorized for use as components in applications intended for surgical
implant into the body or to support or sustain life, in applications in which the failure of the Cree product could result
in personal injury or death or in applications for planning, construction, maintenance or direct operation of a nuclear
facility.
For more information, please contact:
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
www.cree.com/wireless
Sarah Miller
Marketing & Export
Cree, RF Components
919.407.5302
Ryan Baker
Marketing
Cree, RF Components
919.407.7816
Tom Dekker
Sales Director
Cree, RF Components
919.407.5639


Similar Part No. - CGH55030P2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH55030P2 CREE-CGH55030P2 Datasheet
1Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
More results

Similar Description - CGH55030P2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH55030F2 CREE-CGH55030F2 Datasheet
1Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
CGH55015F2 CREE-CGH55015F2 Datasheet
1Mb / 11P
   10 W, C-band, Unmatched, GaN HEMT
logo
WOLFSPEED, INC.
CGH55015F2-P2 WOLFSPEED-CGH55015F2-P2 Datasheet
3Mb / 11P
   10 W, C-Band, Unmatched, GaN HEMT
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH40025F CREE-CGH40025F Datasheet
1Mb / 12P
   25 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40025 WOLFSPEED-CGH40025 Datasheet
2Mb / 14P
   25 W, RF Power GaN HEMT
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH40025 CREE-CGH40025 Datasheet
1Mb / 14P
   25 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGHV1J025D WOLFSPEED-CGHV1J025D Datasheet
1Mb / 10P
   25 W, 18.0 GHz, GaN HEMT Die
Rev. 2.2, 2022-12-2
logo
Cree, Inc
CGHV1J025D CREE-CGHV1J025D Datasheet
763Kb / 9P
   25 W, 18.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CG2H40025 WOLFSPEED-CG2H40025 Datasheet
3Mb / 14P
   25 W, 28 V RF Power GaN HEMT
Rev. 1.5, 2022-10-14
logo
Cree, Inc
CG2H40025 CREE-CG2H40025 Datasheet
1Mb / 14P
   25 W, 28 V RF Power GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com