Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH40045P Datasheet(PDF) 1 Page - Cree, Inc

Part # CGH40045P
Description  45 W, RF Power GaN HEMT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40045P Datasheet(HTML) 1 Page - Cree, Inc

  CGH40045P Datasheet HTML 1Page - Cree, Inc CGH40045P Datasheet HTML 2Page - Cree, Inc CGH40045P Datasheet HTML 3Page - Cree, Inc CGH40045P Datasheet HTML 4Page - Cree, Inc CGH40045P Datasheet HTML 5Page - Cree, Inc CGH40045P Datasheet HTML 6Page - Cree, Inc CGH40045P Datasheet HTML 7Page - Cree, Inc CGH40045P Datasheet HTML 8Page - Cree, Inc CGH40045P Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Subject to change without notice.
www.cree.com/rf
CGH40045
45 W, RF Power GaN HEMT
Cree’s CGH40045 is an unmatched, gallium nitride (GaN) high electron mobility
transistor (HEMT). The CGH40045, operating from a 28 volt rail, offers a general
purpose, broadband solution to a variety of RF and microwave applications.
GaN HEMTs offer high efficiency, high gain and wide bandwidth capabilities
making the CGH40045 ideal for linear and compressed amplifier circuits. The
transistor is available in a flange and pill package.
FEATURES
• Up to 4 GHz Operation
• 16 dB Small Signal Gain at 2.0 GHz
• 12 dB Small Signal Gain at 4.0 GHz
• 55 W Typical P
SAT
• 55 % Efficiency at P
SAT
• 28 V Operation
APPLICATIONS
• 2-Way Private Radio
• Broadband Amplifiers
• Cellular Infrastructure
• Test Instrumentation
• Class A, AB, Linear amplifiers suitable for
OFDM, W-CDMA, EDGE, CDMA waveforms
Package Types: 440193 & 440206
PN’s: CGH40045F & CGH40045P


Similar Part No. - CGH40045P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
   45 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40045 WOLFSPEED-CGH40045 Datasheet
4Mb / 15P
   45 W, DC - 4 GHz RF Power GaN HEMT
Rev. 5.0, 2022-8-4
More results

Similar Description - CGH40045P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
   45 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40045 WOLFSPEED-CGH40045 Datasheet
4Mb / 15P
   45 W, DC - 4 GHz RF Power GaN HEMT
Rev. 5.0, 2022-8-4
logo
Cree, Inc
CG2H40045 CREE-CG2H40045 Datasheet
1Mb / 14P
   45 W, DC - 4 GHz RF Power GaN HEMT
logo
WOLFSPEED, INC.
CG2H40045 WOLFSPEED-CG2H40045 Datasheet
3Mb / 14P
   45 W, DC - 4 GHz RF Power GaN HEMT
Rev. 3.0, 2022-7-20
logo
Cree, Inc
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGH40120F WOLFSPEED-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
Rev 4.1 - March 2020
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
CGH40120P CREE-CGH40120P Datasheet
1Mb / 12P
   120 W, RF Power GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com