Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH40025F-TB Datasheet(PDF) 8 Page - Cree, Inc

Part # CGH40025F-TB
Description  25 W, RF Power GaN HEMT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40025F-TB Datasheet(HTML) 8 Page - Cree, Inc

Back Button CGH40025F-TB Datasheet HTML 4Page - Cree, Inc CGH40025F-TB Datasheet HTML 5Page - Cree, Inc CGH40025F-TB Datasheet HTML 6Page - Cree, Inc CGH40025F-TB Datasheet HTML 7Page - Cree, Inc CGH40025F-TB Datasheet HTML 8Page - Cree, Inc CGH40025F-TB Datasheet HTML 9Page - Cree, Inc CGH40025F-TB Datasheet HTML 10Page - Cree, Inc CGH40025F-TB Datasheet HTML 11Page - Cree, Inc CGH40025F-TB Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
CGH40025 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2007-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGH40025-AMP Demonstration Amplifier Circuit Bill of Materials
Designator
Description
Qty
R2
RES,1/16W,0603,1%,47 OHMS
1
R1
RES,1/16W,0603,1%,100 OHMS
1
C6
CAP, 470PF, 5%,100V, 0603
1
C16
CAP, 33 UF, 20%, G CASE
1
C15
CAP, 1.0UF, 100V, 10%, X7R, 1210
1
C8
CAP 10UF 16V TANTALUM
1
C13
CAP, 100.0pF, +/-5%, 0603
1
C1
CAP, 0.8pF, +/-0.1pF, 0603
1
C2
CAP, 0.5pF, +/-0.05pF, 0603
1
C9,C10
CAP, 1.0pF, +/-0.1pF, 0603
2
C4,C11
CAP, 10.0pF,+/-5%, 0603
2
C5,C12
CAP, 39pF, +/-5%, 0603
2
C7,C14
CAP,33000PF, 0805,100V, X7R
2
J3,J4
CONN SMA STR PANEL JACK RECP
2
J1
HEADER RT>PLZ .1CEN LK 5POS
1
-
PCB, RO4350B, Er = 3.48, h = 20 mil
1
-
CGH40025F or CGH40025P
1
CGH40025F-AMP Demonstration Amplifier Circuit


Similar Part No. - CGH40025F-TB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40025F CREE-CGH40025F Datasheet
1Mb / 12P
   25 W, RF Power GaN HEMT
More results

Similar Description - CGH40025F-TB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40025F CREE-CGH40025F Datasheet
1Mb / 12P
   25 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40025 WOLFSPEED-CGH40025 Datasheet
2Mb / 14P
   25 W, RF Power GaN HEMT
Rev. 4.2, 2022-12-13
CG2H40025 WOLFSPEED-CG2H40025 Datasheet
3Mb / 14P
   25 W, 28 V RF Power GaN HEMT
Rev. 1.5, 2022-10-14
logo
Cree, Inc
CG2H40025 CREE-CG2H40025 Datasheet
1Mb / 14P
   25 W, 28 V RF Power GaN HEMT
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGH40120F WOLFSPEED-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
Rev 4.1 - March 2020
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
   45 W, RF Power GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com