Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH40035F Datasheet(PDF) 3 Page - Cree, Inc

Part # CGH40035F
Description  35 W, RF Power GaN HEMT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40035F Datasheet(HTML) 3 Page - Cree, Inc

  CGH40035F Datasheet HTML 1Page - Cree, Inc CGH40035F Datasheet HTML 2Page - Cree, Inc CGH40035F Datasheet HTML 3Page - Cree, Inc CGH40035F Datasheet HTML 4Page - Cree, Inc CGH40035F Datasheet HTML 5Page - Cree, Inc CGH40035F Datasheet HTML 6Page - Cree, Inc CGH40035F Datasheet HTML 7Page - Cree, Inc CGH40035F Datasheet HTML 8Page - Cree, Inc CGH40035F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
CGH40035F Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2008-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Performance
Simulated Small Signal Gain and Input Return Loss of
the CGH40035F-AMP vs Frequency
V
DD = 28 V, IDQ = 500 mA
P
SAT, Gain, and Drain Efficiency vs Frequency of the
CGH40035F in the CGH40035F-AMP
V
DD = 28 V, IDQ = 500 mA
CGH40035 Page 3 Top
60
65
70
75
80
30
35
40
45
50
Psat, Gain, and Drain Efficiency vs Frequency of the
CGH40035F in the CGH40035-TB
VDD = 28 V, IDQ = 500 mA
30
35
40
45
50
55
0
5
10
15
20
25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
Frequency (GHz)
Psat
Gain
Drain Eff
P
SAT
Efficiency
Gain


Similar Part No. - CGH40035F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH40035 WOLFSPEED-CGH40035 Datasheet
3Mb / 14P
   35 W, DC - 4 GHz, RF Power GaN HEMT
Rev. 4.2, 2022-11-17
More results

Similar Description - CGH40035F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH40035 WOLFSPEED-CGH40035 Datasheet
3Mb / 14P
   35 W, DC - 4 GHz, RF Power GaN HEMT
Rev. 4.2, 2022-11-17
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
   35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
logo
Cree, Inc
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGH40120F WOLFSPEED-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
Rev 4.1 - March 2020
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
   45 W, RF Power GaN HEMT
CGH40120P CREE-CGH40120P Datasheet
1Mb / 12P
   120 W, RF Power GaN HEMT
CGH40180PP CREE-CGH40180PP Datasheet
2Mb / 13P
   180 W, RF Power GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com