Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH35240F-AMP Datasheet(PDF) 9 Page - Cree, Inc

Part # CGH35240F-AMP
Description  240 W, 3100-3500 MHz, 50-ohm Input/
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH35240F-AMP Datasheet(HTML) 9 Page - Cree, Inc

Back Button CGH35240F-AMP Datasheet HTML 4Page - Cree, Inc CGH35240F-AMP Datasheet HTML 5Page - Cree, Inc CGH35240F-AMP Datasheet HTML 6Page - Cree, Inc CGH35240F-AMP Datasheet HTML 7Page - Cree, Inc CGH35240F-AMP Datasheet HTML 8Page - Cree, Inc CGH35240F-AMP Datasheet HTML 9Page - Cree, Inc CGH35240F-AMP Datasheet HTML 10Page - Cree, Inc CGH35240F-AMP Datasheet HTML 11Page - Cree, Inc CGH35240F-AMP Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
CGH35240F Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2010-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Package S-Parameters for CGH35240F
(Small Signal, V
DS = 28 V, IDQ = 1000 mA, angle in degrees)
Frequency
Mag S11
Ang S11
Mag S21
Ang S21
Mag S12
Ang S12
Mag S22
Ang S22
500 MHz
0.909
-110.39
0.67
85.30
0.001
7.79
0.931
-175.71
600 MHz
0.887
-133.63
0.68
52.25
0.001
-22.14
0.926
161.61
700 MHz
0.861
-157.29
0.67
21.72
0.002
-50.42
0.925
140.70
800 MHz
0.831
178.80
0.65
-6.95
0.002
-74.38
0.924
120.94
900 MHz
0.800
154.60
0.64
-34.16
0.002
-110.45
0.924
101.95
1.0 GHz
0.770
130.18
0.63
-60.27
0.002
-135.64
0.924
83.44
1.2 GHz
0.723
80.74
0.64
-110.13
0.002
166.59
0.919
46.75
1.4 GHz
0.698
29.48
0.69
-160.34
0.002
127.53
0.896
9.09
1.6 GHz
0.618
-28.54
0.76
137.30
0.004
116.81
0.766
-28.92
1.8 GHz
0.443
-48.39
0.45
107.33
0.003
53.00
0.861
-47.01
2.0 GHz
0.569
-89.52
0.69
73.39
0.003
-0.59
0.915
-88.98
2.1 GHz
0.594
-111.61
0.83
51.20
0.004
-23.48
0.913
-108.69
2.2 GHz
0.606
-133.58
1.01
28.33
0.005
-45.69
0.908
-128.26
2.3 GHz
0.607
-155.92
1.25
4.25
0.007
-71.50
0.902
-148.11
2.4 GHz
0.595
-179.54
1.59
-21.28
0.009
-99.04
0.895
-168.80
2.5 GHz
0.561
154.35
2.11
-49.48
0.013
-129.12
0.883
169.09
2.6 GHz
0.499
124.82
2.87
-80.80
0.018
-161.39
0.861
144.62
2.7 GHz
0.376
85.52
4.03
-118.36
0.027
161.11
0.813
115.40
2.8 GHz
0.177
20.59
5.38
-164.13
0.039
115.01
0.690
79.55
2.9 GHz
0.165
-127.79
6.17
144.62
0.049
64.36
0.480
37.79
3.0 GHz
0.309
163.81
6.11
96.28
0.052
15.24
0.288
-7.26
3.1 GHz
0.354
118.49
5.80
52.70
0.052
-28.98
0.208
-64.36
3.2 GHz
0.329
74.79
5.47
11.41
0.052
-70.29
0.236
-120.98
3.3 GHz
0.286
23.15
5.19
-29.09
0.052
-110.99
0.302
-160.98
3.4 GHz
0.300
-38.01
4.94
-70.05
0.052
-151.88
0.354
167.78
3.5 GHz
0.406
-96.34
4.55
-112.29
0.050
165.57
0.350
142.39
3.6 GHz
0.565
-143.08
4.00
-154.80
0.046
122.85
0.300
127.36
3.7 GHz
0.708
177.87
3.32
163.85
0.040
81.34
0.271
127.66
3.8 GHz
0.799
143.73
2.64
125.19
0.033
42.95
0.321
129.68
3.9 GHz
0.847
113.69
2.09
89.39
0.027
7.05
0.410
122.23
4.0 GHz
0.868
85.65
1.65
56.14
0.022
-25.45
0.497
108.92
4.2 GHz
0.853
30.51
1.10
-6.76
0.016
-84.72
0.622
78.62
4.4 GHz
0.803
-32.21
0.75
-69.35
0.012
-148.46
0.700
47.77
4.6 GHz
0.765
-101.68
0.51
-131.73
0.008
147.89
0.743
16.36
4.8 GHz
0.770
-166.93
0.32
167.88
0.005
101.70
0.762
-17.52
5.0 GHz
0.785
141.18
0.20
113.11
0.004
59.25
0.747
-56.70
5.2 GHz
0.786
100.39
0.13
60.03
0.005
5.11
0.676
-106.08
5.4 GHz
0.761
65.91
0.08
-1.66
0.007
-83.46
0.447
-179.99
5.6 GHz
0.691
35.57
0.03
-48.77
0.005
159.03
0.055
2 122.03
5.8 GHz
0.608
11.51
0.02
-59.15
0.004
57.07
0.310
23.86
6.0 GHz
0.604
-18.74
0.01
-102.12
0.003
-9.32
0.594
-75.04
To download the s-parameters in s2p format, go to the CGH35240F Product Page and click on the documentation tab.


Similar Part No. - CGH35240F-AMP

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH35240 WOLFSPEED-CGH35240 Datasheet
1Mb / 12P
   240 W, 3.1-3.5 GHz, 50-ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
Rev. 4.0, 2022-6-28
More results

Similar Description - CGH35240F-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH31240F CREE-CGH31240F Datasheet
2Mb / 12P
   240 W, 2700-3100 MHz, 50-ohm Input
CGHV31500F CREE-CGHV31500F Datasheet
722Kb / 10P
   500 W, 2700 - 3100 MHz, 50-Ohm Input
CGHV35400F CREE-CGHV35400F Datasheet
829Kb / 11P
   400 W, 2900 - 3500 MHz, 50-Ohm Input
CGH35060F2 CREE-CGH35060F2 Datasheet
1Mb / 11P
   60 W, 3100-3500 MHz, 28V, GaN HEMT
logo
NXP Semiconductors
NA-1429 PHILIPS-NA-1429 Datasheet
557Kb / 8P
   BLS6G3135-120 at 3100-3500 MHz
Rev. 2-28 April 2015
logo
Cree, Inc
CGHV59350 CREE-CGHV59350 Datasheet
3Mb / 12P
   350 W, 5200 - 5900 MHz, 50-Ohm Input
CGHV50200F CREE-CGHV50200F Datasheet
2Mb / 15P
   200 W, 4400 - 5000 MHz, 50-Ohm Input
logo
Microsemi Corporation
3135GN-280LV MICROSEMI-3135GN-280LV Datasheet
145Kb / 4P
   280 Watts • 50 Volts • 200 s, 20% S-Band Radar 3100 - 3500 MHz
Revision 1.0
logo
Cree, Inc
CGHV37400F CREE-CGHV37400F Datasheet
815Kb / 11P
   400 W, 3500 - 3700 MHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
CGHV96050F1 CREE-CGHV96050F1 Datasheet
1Mb / 14P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com