Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH35240F-AMP Datasheet(PDF) 8 Page - Cree, Inc

Part # CGH35240F-AMP
Description  240 W, 3100-3500 MHz, 50-ohm Input/
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH35240F-AMP Datasheet(HTML) 8 Page - Cree, Inc

Back Button CGH35240F-AMP Datasheet HTML 4Page - Cree, Inc CGH35240F-AMP Datasheet HTML 5Page - Cree, Inc CGH35240F-AMP Datasheet HTML 6Page - Cree, Inc CGH35240F-AMP Datasheet HTML 7Page - Cree, Inc CGH35240F-AMP Datasheet HTML 8Page - Cree, Inc CGH35240F-AMP Datasheet HTML 9Page - Cree, Inc CGH35240F-AMP Datasheet HTML 10Page - Cree, Inc CGH35240F-AMP Datasheet HTML 11Page - Cree, Inc CGH35240F-AMP Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
CGH35240F Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2010-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGH35240F-AMP Demonstration Amplifier Circuit Outline
CGH35240F-AMP Demonstration Amplifier Circuit Schematic
(CGH35240F)


Similar Part No. - CGH35240F-AMP

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH35240 WOLFSPEED-CGH35240 Datasheet
1Mb / 12P
   240 W, 3.1-3.5 GHz, 50-ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
Rev. 4.0, 2022-6-28
More results

Similar Description - CGH35240F-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH31240F CREE-CGH31240F Datasheet
2Mb / 12P
   240 W, 2700-3100 MHz, 50-ohm Input
CGHV31500F CREE-CGHV31500F Datasheet
722Kb / 10P
   500 W, 2700 - 3100 MHz, 50-Ohm Input
CGHV35400F CREE-CGHV35400F Datasheet
829Kb / 11P
   400 W, 2900 - 3500 MHz, 50-Ohm Input
CGH35060F2 CREE-CGH35060F2 Datasheet
1Mb / 11P
   60 W, 3100-3500 MHz, 28V, GaN HEMT
logo
NXP Semiconductors
NA-1429 PHILIPS-NA-1429 Datasheet
557Kb / 8P
   BLS6G3135-120 at 3100-3500 MHz
Rev. 2-28 April 2015
logo
Cree, Inc
CGHV59350 CREE-CGHV59350 Datasheet
3Mb / 12P
   350 W, 5200 - 5900 MHz, 50-Ohm Input
CGHV50200F CREE-CGHV50200F Datasheet
2Mb / 15P
   200 W, 4400 - 5000 MHz, 50-Ohm Input
logo
Microsemi Corporation
3135GN-280LV MICROSEMI-3135GN-280LV Datasheet
145Kb / 4P
   280 Watts • 50 Volts • 200 s, 20% S-Band Radar 3100 - 3500 MHz
Revision 1.0
logo
Cree, Inc
CGHV37400F CREE-CGHV37400F Datasheet
815Kb / 11P
   400 W, 3500 - 3700 MHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
CGHV96050F1 CREE-CGHV96050F1 Datasheet
1Mb / 14P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com