Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH35240F-AMP Datasheet(PDF) 4 Page - Cree, Inc

Part # CGH35240F-AMP
Description  240 W, 3100-3500 MHz, 50-ohm Input/
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH35240F-AMP Datasheet(HTML) 4 Page - Cree, Inc

  CGH35240F-AMP Datasheet HTML 1Page - Cree, Inc CGH35240F-AMP Datasheet HTML 2Page - Cree, Inc CGH35240F-AMP Datasheet HTML 3Page - Cree, Inc CGH35240F-AMP Datasheet HTML 4Page - Cree, Inc CGH35240F-AMP Datasheet HTML 5Page - Cree, Inc CGH35240F-AMP Datasheet HTML 6Page - Cree, Inc CGH35240F-AMP Datasheet HTML 7Page - Cree, Inc CGH35240F-AMP Datasheet HTML 8Page - Cree, Inc CGH35240F-AMP Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
CGH35240F Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2010-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Performance
CGH35240 Output Power vs Input Power
V
DS = 28 V, IDS = 1 A, Pulse Width = 300 μS, Duty Cycle = 20 %
CGH35240 PAE & Gain vs Input Power
V
DS = 28 V, IDS = 1 A, Pulse Width = 300 μS, Duty Cycle = 20 %
20
25
30
35
40
45
50
55
60
15
20
25
30
35
40
45
Input Power (dBm)
Pout vs Pin
3.1 GHz
3.2 GHz
3.3 GHz
3.4 GHz
3.5 GHz
4
6
8
10
12
14
16
18
0
10
20
30
40
50
60
70
15
20
25
30
35
40
45
50
Input Power (dBm)
PAE vs Pin
PAE - 3.1 GHz
PAE - 3.2 GHz
PAE - 3.3 GHz
PAE - 3.4 GHz
PAE - 3.5 GHz
Gain - 3.1 GHz
Gain - 3.2 GHz
Gain - 3.3 GHz
Gain - 3.4 GHz
Gain - 3.5 GHz


Similar Part No. - CGH35240F-AMP

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH35240 WOLFSPEED-CGH35240 Datasheet
1Mb / 12P
   240 W, 3.1-3.5 GHz, 50-ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
Rev. 4.0, 2022-6-28
More results

Similar Description - CGH35240F-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH31240F CREE-CGH31240F Datasheet
2Mb / 12P
   240 W, 2700-3100 MHz, 50-ohm Input
CGHV31500F CREE-CGHV31500F Datasheet
722Kb / 10P
   500 W, 2700 - 3100 MHz, 50-Ohm Input
CGHV35400F CREE-CGHV35400F Datasheet
829Kb / 11P
   400 W, 2900 - 3500 MHz, 50-Ohm Input
CGH35060F2 CREE-CGH35060F2 Datasheet
1Mb / 11P
   60 W, 3100-3500 MHz, 28V, GaN HEMT
logo
NXP Semiconductors
NA-1429 PHILIPS-NA-1429 Datasheet
557Kb / 8P
   BLS6G3135-120 at 3100-3500 MHz
Rev. 2-28 April 2015
logo
Cree, Inc
CGHV59350 CREE-CGHV59350 Datasheet
3Mb / 12P
   350 W, 5200 - 5900 MHz, 50-Ohm Input
CGHV50200F CREE-CGHV50200F Datasheet
2Mb / 15P
   200 W, 4400 - 5000 MHz, 50-Ohm Input
logo
Microsemi Corporation
3135GN-280LV MICROSEMI-3135GN-280LV Datasheet
145Kb / 4P
   280 Watts • 50 Volts • 200 s, 20% S-Band Radar 3100 - 3500 MHz
Revision 1.0
logo
Cree, Inc
CGHV37400F CREE-CGHV37400F Datasheet
815Kb / 11P
   400 W, 3500 - 3700 MHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
CGHV96050F1 CREE-CGHV96050F1 Datasheet
1Mb / 14P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com