Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH35060F2-AMP Datasheet(PDF) 1 Page - Cree, Inc

Part # CGH35060F2-AMP
Description  60 W, 3100-3500 MHz, 28V, GaN HEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH35060F2-AMP Datasheet(HTML) 1 Page - Cree, Inc

  CGH35060F2-AMP Datasheet HTML 1Page - Cree, Inc CGH35060F2-AMP Datasheet HTML 2Page - Cree, Inc CGH35060F2-AMP Datasheet HTML 3Page - Cree, Inc CGH35060F2-AMP Datasheet HTML 4Page - Cree, Inc CGH35060F2-AMP Datasheet HTML 5Page - Cree, Inc CGH35060F2-AMP Datasheet HTML 6Page - Cree, Inc CGH35060F2-AMP Datasheet HTML 7Page - Cree, Inc CGH35060F2-AMP Datasheet HTML 8Page - Cree, Inc CGH35060F2-AMP Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Subject to change without notice.
www.cree.com/rf
CGH35060F2 / CGH35060P2
60 W, 3100-3500 MHz, 28V, GaN HEMT
Cree’s CGH35060F2/P2 is a gallium nitride (GaN) high electron mobility transistor
(HEMT) designed specifically for high efficiency, high gain and wide bandwidth
capabilities, which makes the CGH35060F2 / P2 ideal for 3.1-3.5 GHz S-band pulsed
amplifier applications. The transistor is supplied in a ceramic/metal flange and pill
package.
Package Type: 440193 & 440206
PN: CGH35060F2 & CGH35060P2
Features
• 3.1 - 3.5 GHz Operation
60 W Peak Power Capability
• 12 dB Small Signal Gain
• 60 % Drain Efficiency
Typical Performance Over 3.1-3.5 GHz (T
C = 25˚C) of Demonstration Amplifier
Parameter
3.1 GHz
3.3 GHz
3.5 GHz
Units
Small Signal Gain
12.0
13.2
11.5
dB
P
OUT @ PIN = 36.5 dBm
47.0
47.6
46.7
dBm
P
OUT @ PIN = 36.5 dBm
10.4
11.06
10.1
dBm
Drain Efficiency @ P
IN = 36.5 dBm
55.0
62.0
62.0
%
Input Return Loss
-7.3
-17.0
-4.3
dB
Note:
Measured in the CGH35060F2-AMP1 amplifier circuit, under 100 µsec Pulse Width, 20% Duty Cycle and 28 V.


Similar Part No. - CGH35060F2-AMP

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH35060F2 WOLFSPEED-CGH35060F2 Datasheet
1Mb / 11P
   60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT
Rev. 4.4, 2022-10-28
More results

Similar Description - CGH35060F2-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
   60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH35240F CREE-CGH35240F Datasheet
1Mb / 12P
   240 W, 3100-3500 MHz, 50-ohm Input/
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
logo
WOLFSPEED, INC.
CGH55030F1-P1 WOLFSPEED-CGH55030F1-P1 Datasheet
1Mb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH35015F CREE-CGH35015F Datasheet
773Kb / 9P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH35030F CREE-CGH35030F Datasheet
760Kb / 8P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH35030F CREE-CGH35030F_15 Datasheet
1Mb / 12P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH27015F CREE-CGH27015F Datasheet
1Mb / 8P
   15 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH35015 CREE-CGH35015 Datasheet
1,011Kb / 12P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH55030F1 CREE-CGH55030F1 Datasheet
914Kb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com