Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH35060F1-AMP Datasheet(PDF) 3 Page - Cree, Inc

Part # CGH35060F1-AMP
Description  60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH35060F1-AMP Datasheet(HTML) 3 Page - Cree, Inc

  CGH35060F1-AMP Datasheet HTML 1Page - Cree, Inc CGH35060F1-AMP Datasheet HTML 2Page - Cree, Inc CGH35060F1-AMP Datasheet HTML 3Page - Cree, Inc CGH35060F1-AMP Datasheet HTML 4Page - Cree, Inc CGH35060F1-AMP Datasheet HTML 5Page - Cree, Inc CGH35060F1-AMP Datasheet HTML 6Page - Cree, Inc CGH35060F1-AMP Datasheet HTML 7Page - Cree, Inc CGH35060F1-AMP Datasheet HTML 8Page - Cree, Inc CGH35060F1-AMP Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
CGH35060F1 / CGH35060P1 Rev 3.1
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.CREE
www.cree.com/rf
Copyright © 2008-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical WiMAX Performance
Gain and Return Loss vs Frequency measured in Broadband
Amplifier Circuit CGH35060F1-AMP, V
DD = 28 V, IDQ = 250 mA
Typical EVM at 26 dBm and 39 dBm, and Efficiency vs Frequency measured in Broadband Amplifier Circuit
CGH35060F1-AMP, V
DD = 28 V, IDQ = 250 mA
Note:
Under 802.16-2004 OFDM, 3.5 MHz Channel BW, 1/4 Cyclic Prefix, 64 QAM Modulated Burst,
Symbol Length of 59, Coding Type RS-CC, Coding Rate Type 2/3.
-6
-4
-2
0
10
12
14
16
S21
S21
-16
-14
-12
-10
-8
0
2
4
6
8
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
Frequency (GHz)
S21
S11
S11
18%
21%
24%
27%
30%
33%
36%
3.0
3.5
4.0
4.5
5.0
5.5
6.0
EVM @ 26 dBm
EVM @ 39 dBm
Efficiency
Efficiency
0%
3%
6%
9%
12%
15%
18%
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
Frequency (GHz)
EVM


Similar Part No. - CGH35060F1-AMP

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH35060F1_P1 WOLFSPEED-CGH35060F1_P1 Datasheet
1Mb / 12P
   60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
Rev. 3.3, 2022-10-28
More results

Similar Description - CGH35060F1-AMP

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH35060F1_P1 WOLFSPEED-CGH35060F1_P1 Datasheet
1Mb / 12P
   60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
Rev. 3.3, 2022-10-28
CGH35015 WOLFSPEED-CGH35015 Datasheet
2Mb / 12P
   15 W, 3.3-3.9 GHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-10-28
logo
Cree, Inc
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
   60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH35015F CREE-CGH35015F Datasheet
773Kb / 9P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH35030F CREE-CGH35030F Datasheet
760Kb / 8P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH35030F CREE-CGH35030F_15 Datasheet
1Mb / 12P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
logo
WOLFSPEED, INC.
CGH55030F1-P1 WOLFSPEED-CGH55030F1-P1 Datasheet
1Mb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH55030F1 CREE-CGH55030F1 Datasheet
914Kb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
CGH27015F CREE-CGH27015F Datasheet
1Mb / 8P
   15 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com